Electronic Components Datasheet Search
  English  ▼

X  

LTC7150S Datasheet(PDF) 21 Page - Analog Devices

Part # LTC7150S
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7150S Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC7150S Datasheet HTML 17Page - Analog Devices LTC7150S Datasheet HTML 18Page - Analog Devices LTC7150S Datasheet HTML 19Page - Analog Devices LTC7150S Datasheet HTML 20Page - Analog Devices LTC7150S Datasheet HTML 21Page - Analog Devices LTC7150S Datasheet HTML 22Page - Analog Devices LTC7150S Datasheet HTML 23Page - Analog Devices LTC7150S Datasheet HTML 24Page - Analog Devices LTC7150S Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 21 of 45
If transient performance is not critical, other passive filter solutions can be realized using a physical inductor as a
larger second L and additional output capacitance for the second C, as shown in Figure 50.
Figure 50. Additional Output Ripple Filtering Using a Second LC Filter
When designing an additional filter for further attenuation of the switching ripple, it is highly recommended to design
with LTpowerCAD® to ensure that the design is stable with good phase margin and provides sufficient attenuation at
the switching frequency of interest.
The Silent Switcher 3 architecture makes it possible to achieve excellent noise performance from low to high
frequencies at the output of the LT83201 while utilizing only passive filtering.
PCB Layout Recommendations
The LT83201 is specifically designed to minimize low-frequency (10Hz to 100kHz) noise and EMI emissions and
maximize efficiency when switching at high frequencies. For optimal performance, the LT83201 can use multiple VIN
bypass capacitors.
Two small capacitors are placed as close as possible to the LT83201 VIN pins, and the third capacitor with a larger
value, 4.7μF or higher, should be placed near one of these two capacitors. For a recommended PCB layout, see Figure
51.
For more details and PCB design files, refer to the LT83201 demo board manual. Note that large, switched currents
flow in the LT83201 VIN and GND pins and the input capacitors. The loops formed by the input capacitors should be
as small as possible by placing the capacitors adjacent to the VIN and GND pins. Capacitors with small case sizes, such
as 0402 or 0603, are optimal due to their low parasitic inductance. Special care must be taken with the input
capacitors to ensure they have a low-impedance return path to the IC ground. This is achieved by placing several
grounds through the GND side of the input capacitors such that the ground plane is utilized to full advantage. This
should be an unbroken ground plane with a solid connection to the exposed pad of the IC, as shown in Figure 51.
LT83201
GND
SW
OUTS
2.2µH
0.1µH
DISCRETE L
22µF
22µF
OPTIONAL
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com