Electronic Components Datasheet Search
  English  ▼

X  

SC2569S Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SC2569S
Description  High Performance Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2569S Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SC2569S Datasheet HTML 5Page - List of Unclassifed Manufacturers SC2569S Datasheet HTML 6Page - List of Unclassifed Manufacturers SC2569S Datasheet HTML 7Page - List of Unclassifed Manufacturers SC2569S Datasheet HTML 8Page - List of Unclassifed Manufacturers SC2569S Datasheet HTML 9Page - List of Unclassifed Manufacturers SC2569S Datasheet HTML 10Page - List of Unclassifed Manufacturers SC2569S Datasheet HTML 11Page - List of Unclassifed Manufacturers SC2569S Datasheet HTML 12Page - List of Unclassifed Manufacturers SC2569S Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SC2569
Safety-Chip
© Safety-Chip Micro
12
www.safety-chip.com
SC2569_Datasheet_V1.0_EN
8-Pin Plastic SOP-8
TOP VIEW
RECOMMENDED LAND PATTERN
FRONT VIEW
SIDE VIEW
4.70
5.15
3.80
4.00
5.80
6.20
0.31
0.51
1.27
BSC
1.25
1.65
0.05
0.25
1.35
1.75
0.17
0.25
0.40
1.27
0.0°
8.0°
5.60
TYP
1.27
BSC
0.65
TYP
1.75
TYP
Note:
1.
All dimensions are in millimeters
2.
Package length does not include mold flash protrusion or gate burr
3.
Package WIDTH does not include mold flash protrusion
4.
Drawing is not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com