Electronic Components Datasheet Search
  English  ▼

X  

AP22950 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22950
Description  Overvoltage-Protected High-Side Switch with 110V Surge Protection Improves USB PD 3.1 SPR Port Robustness
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22950 Datasheet HTML 1Page - Diodes Incorporated AP22950 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
AP22950
Typical Application
September 2025
Overvoltage-Protected USB-PD VBUS Power Switches
Part Number
Max.
Voltage
Input
Voltage
Range
IEC Surge
Protection (V)
with Capacitor
OVLO
Quiescent
Current
RON
Operating
Ambient
Temperature
Package
V
V
No
22µF
V
µA
mΩ
°C
AP22950
29
2.5 to 22.5 ±100
±
110
Adj, 23
(Default)
70
30
-40 to +85
U-WLB2515-15
Orderable Part
Number
Compliance
(Only Automotive
Supports PPAP)
Package Code
Moisture
Sensitivity
Packing
Quantity
Carrier
AP22950CZ15-7
Standard
CZ15
MSL-1
3,000
7” Tape & Reel
GND
CC1_A/
CC2_A
AP22950
VBUS
OVLO
GND
VINT
ACKb
ENb
PMIC /
Battery Charger
MCU/
Processor
22uF
GND
CC1_B/
CC2_B
AP22950
VBUS
OVLO
GND
VINT
ACKb
ENb
VBUS_B
22uF
VINT
ACKb_A
ENb_A
ACKb_B
ENb_B
VBUS_A
COUT
COUT
R1**
R2
R1**
R2
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com