Electronic Components Datasheet Search
  English  ▼

X  

AP61300Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP61300Q
Description  5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP61300Q Datasheet HTML 1Page - Diodes Incorporated AP61300Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diodes.com
Announcement
New Product
diodes.com
The AP61204Q is a 2A, automotive-
compliant, synchronous buck converter
with a wide input voltage range of 2.4V
to 5.5V.
It integrates a 70mΩ high-side power
MOSFET and a 50mΩ low-side power
MOSFET to provide high-efficiency
stepdown DC-DC conversion.
The AP61204Q has a power-good
output that warns the system of irregular
conditions, and can be used in
sequencing control applications.
The device minimizes external
component count due to its adoption of
constant on-time (COT) control to
achieve fast transient response, easy
loop stabilization, and low output voltage
ripple.
The AP61204Q uses an enable (EN) pin
to select whether it works in a forced-
PWM mode for all loads, or switches to
PFM at lighter loads.
It is available in a SOT563 package, and
is pin compatible with its 600mA, 1A,
and 3A counterparts
.
Automotive-compliant - AEC qualified, manufactured
infacilities certified to IATF 16949, supporting PPAP
documents.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny
SOT563 for Protected Point-of-Load Automotive Rails
AP61204Q
Applications
Automotive 3.3V and 5V point-of-load in:
▪ Automotive infotainment
▪ Automotive clusters
▪ Automotive telematics
▪ Advanced driver assistance
systems (ADAS)
The DIODES Advantage
The AP61204Q provides a high-efficiency, small foot-print
DC-DC buck converter solution for automotive
applications.
▪ 2.4V to 5.5V Operating Voltage Range
Covers both 3.3V and 5V rail conversion to core voltage
▪ Low (19µA) Quiescent Current (I
Q)
Maximizes light-load efficiency
▪ PWM/PFM Adjustable Mode Control via EN Pin
Supports fixed fSW and light-load high-efficiency (LLHE) PFM
mode
▪ Accurate ±5% PG with Internal 5MΩ Pull-Up Option
Provides over- and undervoltage warning with reduced BOM
▪ 1kΩ Soft Output Discharge
Ensures that there is no residue charge on output
▪ High Operating Frequency of 2.4MHz
Reduces external inductor/capacitor size and above medium
wave band
August 2025


Similar Part No. - AP61300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP61300Q DIODES-AP61300Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP61300Q DIODES-AP61300Q Datasheet
350Kb / 2P
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
June 2025
AP61300Q DIODES-AP61300Q Datasheet
397Kb / 2P
I2C 5.5V, 4A, Synchronous Buck Converter Provides a Versatile High Power Density Automotive POL Solution
AP61300QZ6-7 DIODES-AP61300QZ6-7 Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
More results

Similar Description - AP61300Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP6320XQ DIODES-AP6320XQ Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP63200Q DIODES-AP63200Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com