Electronic Components Datasheet Search
  English  ▼

X  

AP74701Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP74701Q
Description  80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74701Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP74701Q Datasheet HTML 1Page - Diodes Incorporated AP74701Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The 80V-rated AP74502Q and AP74502HQ provide reverse
battery polarity and overvoltage protection to increase
robustness of off-battery automotive applications.
The automotive-compliant AP74502Q and
AP74502HQ provide a simple, cost-
effective protection solution for reverse-
polarity and overvoltage conditions.
They drive two external back-to-back N-
channel MOSFETs which, coupled with their
OVLO pin, provides input overvoltage
protection as well as limited inrush current
control.
The AP74502Q has a peak gate drive
source capability of 60μA, which provides a
longer turn-on time and hence, inrush
current limitation. The AP74502HQ has a
11mA peak gate drive source capacity.
The AP74502Q and AP74502HQ do not
have reverse current blocking features and
are suitable for input reverse polarity
protection of loads that may return energy to
the input supply. This includes automotive
body control module motor loads.
The products’ wide supply input range of
3.2V to 75V supports RVP and overvoltage
protection in existing 12V and 24V battery
systems, as well as the growing 48V
automotive battery systems utilized in xEV
vehicles. Their 3.2V operation capability
ensures correct operation even in the severe
cold-cranking conditions within automotive
systems.
The AP74502Q and AP74502HQ are
available in the industry-standard SOT28
package.
80V Low IQ Ideal Diode Controller Provides Enhanced Protection
Against Reverse Battery and Overvoltage in 48V Systems
AP74502Q
AP74502HQ
▪ 80V Maximum Input
Protects 12V/ 24V/ 48V battery systems from overvoltage
condition
▪ Correct Operation Down 3.2V Across All Temperatures
Supports severe cold-crank requirement in automotive
systems
▪ Drives Back-to-Back External N-MOSFETs with
Overvoltage Detection
Protects and isolates downstream systems from battery
overvoltage conditions
▪ Two Gate Drive Options
Provides targeted inrush current control
▪ AEC-Q100 Grade 1 Qualified with 150°C Maximum
Junction Temperature
Supports the -40°C to +125°C ambient temperature range
Applications
Automotive reverse battery protection in:
▪ Body control modules
▪ Infotainment
▪ Advanced driver assistance
systems (ADAS)
▪ Exterior lighting
▪ USB charging
July 2025
Automotive-compliant - AEC qualified, manufactured in
sites certified to IATF 16949 supporting PPAP documents.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - AP74701Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP74701Q DIODES-AP74701Q Datasheet
1Mb / 22P
LOW IQ REVERSE-BATTERY PROTECTION IDEAL DIODE CONTROLLER WITH BUILT-IN VDS CLAMP
Rev. 2 - 2 February 2025
AP74701Q DIODES-AP74701Q Datasheet
339Kb / 2P
Ideal Diode Controller with VDS Clamp Removes the Need for External TVS in Automotive RVP Circuits
August 2025
AP74701QTA8-7 DIODES-AP74701QTA8-7 Datasheet
1Mb / 22P
LOW IQ REVERSE-BATTERY PROTECTION IDEAL DIODE CONTROLLER WITH BUILT-IN VDS CLAMP
Rev. 2 - 2 February 2025
AP74701QTA8-7 DIODES-AP74701QTA8-7 Datasheet
339Kb / 2P
Ideal Diode Controller with VDS Clamp Removes the Need for External TVS in Automotive RVP Circuits
August 2025
AP74701Q DIODES-AP74701Q_V01 Datasheet
339Kb / 2P
Ideal Diode Controller with VDS Clamp Removes the Need for External TVS in Automotive RVP Circuits
August 2025
More results

Similar Description - AP74701Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
logo
Linear Technology
LTC4359 LINER-LTC4359 Datasheet
292Kb / 20P
Ideal Diode Controller with Reverse Input Protection
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74701-Q1 TI-LM74701-Q1 Datasheet
1Mb / 27P
LM74701-Q1 "TVS Less" Low IQ Reverse Battery Protection Ideal Diode Controller
LM74721-Q1 TI-LM74721-Q1 Datasheet
2Mb / 27P
LM74721-Q1 TVS Less Low IQ Reverse Battery Protection Ideal Diode Controller With Active Rectification
SNOSDC2 ??SEPTEMBER 2021
LM74701-Q1 TI-LM74701-Q1_V01 Datasheet
2Mb / 33P
LM74701-Q1 TVS Less Automotive Reverse Battery Protection Ideal Diode Controller
DECEMBER 2021
LM74502 TI-LM74502 Datasheet
2Mb / 29P
LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
logo
Texas Instruments
LM74721-Q1 TI-LM74721-Q1_V01 Datasheet
2Mb / 33P
LM74721-Q1 TVS Less Low IQ Automotive Reverse Battery Protection Ideal Diode Controller with Active Rectification
REVISED JULY 2022
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com