Electronic Components Datasheet Search
  English  ▼

X  

74750 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74750
Description  QSFP Interconnect Solution
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74750 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74750 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/28/2019
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0747500040
Status:
Active
Overview:
QSFP+ Interconnect Solution
Description:
QSFP+ Cage Assembly with Heat Sink, 2 Rear Legs with EMI Spring Fingers, Press-Fit
Pins
Documents:
3D Model
Packaging Specification PK-74750-0040 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification 747500002-PS (PDF)
General
Product Family
EMI Cages
Series
74750
Application
Module-to-Board
Component Type
Cage Assembly
Overview
QSFP+ Interconnect Solution
Product Name
QSFP Plus, QSFP+
UPC
800756694252
Physical
EMI Panel / Bezel Mount
Spring Fingers
Light Pipes per Port
0
Material - Metal
Copper Alloy
Net Weight
12.340/g
Orientation
Horizontal
Packaging Type
Bag
Port Configuration
1x1
Rear Legs
2
Termination Interface: Style
Through Hole
Thermal Height
SAN
Thermal Solutions
Pin Field
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74750-0040
Product Specification
747500002-PS
Sales Drawing
SD-74750-0021
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/88/2018 (15
January 2019)
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
74750 Series
Use With
74750 QSFP+ Cage Assembly
This document was generated on 03/28/2019
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74750

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74750 MOLEX-74750 Datasheet
49Kb / 2P
QSFP Interconnect Solution
06/25/2015
74750-0021 MOLEX-74750-0021 Datasheet
49Kb / 2P
QSFP Interconnect Solution
06/25/2015
More results

Similar Description - 74750

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
I2MI VPC-I2MI Datasheet
1Mb / 4P
Hybrid Solution
logo
Samtec, Inc
QSFPC-PF-01-F SAMTEC-QSFPC-PF-01-F Datasheet
432Kb / 4P
QSFP CAGE
logo
TXC Corporation.
BC-SERIES TXC-BC-SERIES Datasheet
963Kb / 1P
PLL solution.
logo
ATGBICS by Approved Tec...
40G-QSFP-QSFP-AOC-15M-C ATGBICS-40G-QSFP-QSFP-AOC-15M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-15M Brocade Compatible Active Optical Cable 40G QSFP (15m)
40G-QSFP-QSFP-AOC-1M-C ATGBICS-40G-QSFP-QSFP-AOC-1M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-1M Brocade Compatible Active Optical Cable 40G QSFP (1m)
40G-QSFP-QSFP-AOC-2M-C ATGBICS-40G-QSFP-QSFP-AOC-2M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-2M Brocade Compatible Active Optical Cable 40G QSFP (2m)
40G-QSFP-QSFP-AOC-30M-C ATGBICS-40G-QSFP-QSFP-AOC-30M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-30M Brocade Compatible Active Optical Cable 40G QSFP (30m)
40G-QSFP-QSFP-AOC-7M-C ATGBICS-40G-QSFP-QSFP-AOC-7M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-7M Brocade Compatible Active Optical Cable 40G QSFP (7m)
logo
TE Connectivity Ltd
SFF-TA-1002 TEC-SFF-TA-1002 Datasheet
1Mb / 6P
SLIVER INTERNAL CABLED INTERCONNECT SOLUTION
04/2019
logo
Molex Electronics Ltd.
47346 MOLEX-47346 Datasheet
126Kb / 2P
0.65mm (.0256”) Pitch Micro-USB Interconnect Solution
2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com