Electronic Components Datasheet Search
  English  ▼

X  

02-08-1201.. Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 02-08-1201..
Description  Disk Drive Power Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02-08-1201.. Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  02-08-1201.. Datasheet HTML 1Page - Molex Electronics Ltd. 02-08-1201.. Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/10/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0002081201
Status:
Active
Overview:
Disk Drive Power Connector
Description:
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor
Bronze, AWG 14-20
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-8981-4M*/4P* (PDF)
General
Product Family
Crimp Terminals
Series
8980
Application
Power
Crimp Quality Equipment
Yes
Overview
Disk Drive Power Connector
Packaging Alternative
02-08-1202 (Loose)
Product Name
Disk Drive Power
UPC
800753615939
Physical
Durability (mating cycles max)
50
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
1.223/g
Packaging Type
Reel
Plating min - Mating
0.889µm
Plating min - Termination
0.889µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.03-2.74mm
Wire Size AWG
14, 16, 18, 20
Wire Size mm²
N/A
Material Info
Old Part Number
8980-3C
Reference - Drawing Numbers
Product Specification
PS-8981-4M*/4P*
Sales Drawing
SD-8980-3*
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
Search Parts in this Series
8980 Series
Use With
15-24-4048
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Terminator Die
0011402282
Extraction Tool
0011030037
Hand Crimp Tool
0638117000
Mini-Mac™
Applicator for
Disk Drive Power
0638929000


Similar Part No. - 02-08-1201..

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-08-1201 MOLEX1-02-08-1201 Datasheet
91Kb / 3P
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
02-08-1201 MOLEX2-02-08-1201 Datasheet
322Kb / 6P
HAND CRIMP TOOL SPECIFICATION SHEET
02-08-1201 MOLEX5-02-08-1201 Datasheet
40Kb / 2P
Disk Drive Power Connection System
More results

Similar Description - 02-08-1201..

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDP01-0512N STMICROELECTRONICS-HDP01-0512N Datasheet
86Kb / 6P
HARD DISK DRIVE POWER SUPPLY PROTECTION
Apr-1999
L6245 STMICROELECTRONICS-L6245 Datasheet
191Kb / 15P
5V HARD DISK DRIVE POWER COMBO
Oct-1992
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
ThinkPad Hard Disk Drive
logo
Phihong USA Inc.
PSA-40-271 PHIHONG-PSA-40-271 Datasheet
63Kb / 2P
Disk Drive Power Supply
logo
Molex Electronics Ltd.
02-08-1201 MOLEX5-02-08-1201 Datasheet
40Kb / 2P
Disk Drive Power Connection System
logo
Adam Technologies, Inc.
DDF-XX ADAM-TECH-DDF-XX Datasheet
80Kb / 1P
DISK DRIVE FEMALE HOUSING
DDH-XX ADAM-TECH-DDH-XX Datasheet
80Kb / 1P
DISK DRIVE MALE HOUSING
DDH-XXA ADAM-TECH-DDH-XXA Datasheet
83Kb / 1P
DISK DRIVE POWER CONNECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com