Electronic Components Datasheet Search
  English  ▼

X  

0464363003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0464363003
Description  EXTreme Ten60Power High-Current Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0464363003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0464363003 Datasheet HTML 1Page - Molex Electronics Ltd. 0464363003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
2.5A, 55.0A
Grounding to PCB
No
Voltage - Maximum
600V AC / 250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
040
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
003
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-46436-001-000
Product Specification
PS-46436-100-001
Sales Drawing
SD-46436-303-001
Test Summary
464361000-TS-000
This document was generated on 09/27/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com