Electronic Components Datasheet Search
  English  ▼

X  

AP3928 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3928
Description  Low Standby Power, High-Voltage, Non-Isolated Buck Power Switcher for Appliances and IoT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3928 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3928 Datasheet HTML 1Page - Diodes Incorporated AP3928 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The AP3927D is a universal AC, high-
voltage input, non-isolated, offline switcher
specially designed for applications with a
maximum of 360mA of output current or up
to 6W of output power.
The device provides a simple power supply
solution for smart home appliances, home
automation, industrial control, and IoT power
applications.
Supporting both non-isolated buck or offline
flyback topology solutions, the product has
several differentiating advantages:
•
Low standby power
•
High light-load efficiency
•
Cost-saving BOM
•
Rich protection functions to ensure
reliable operation
The AP3927D is available in the SO-7
(Type B) package that supports HV
creepage requirements.
Low Standby Power, High-Voltage, Non-Isolated Buck Power
Switcher for Appliances and IoT
AP3927D
Applications
Non-Isolated Standby and Auxiliary power rails in
▪ Smart home appliances
▪ Industrial controls
▪ Home automation
▪ IoT power
January 2025
The Diodes logo is a registered trademark of
Diodes Incorporated in the United States and
other countries.
All other trademarks are the property of their
respective owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.
The DIODES Advantage
This high-voltage, non-isolated buck power switcher
provides a reliable solution for appliances and IoT devices.
▪ Low System BOM Cost
Non-isolated buck configuration removes expensive
components
▪ Low Standby Power (<20mW)
Meets latest standby power requirements
▪ High Light-Load Efficiency
Caters to IoT devices and other equipment that spend large
periods of time sleeping
▪ Rich Protection Features: Overtemperature, Over-Load,
and Short-Circuit Protection
Ensures robust and reliable operation
▪ Industry-Standard Footprint-Compatible SO-7 Switcher
Provides a cost-effective alternative to existing non-isolated
buck solutions


Similar Part No. - AP3928

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3928 DIODES-AP3928 Datasheet
689Kb / 2P
High-Voltage, Non-Isolated, Offline Switcher with Low Standby Power for Appliances and IoT Applications
AP3928S-13 DIODES-AP3928S-13 Datasheet
689Kb / 2P
High-Voltage, Non-Isolated, Offline Switcher with Low Standby Power for Appliances and IoT Applications
More results

Similar Description - AP3928

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1028 ONSEMI-NCP1028 Datasheet
633Kb / 29P
High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2007 ??Rev. 0
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
logo
Diodes Incorporated
AP3965 DIODES-AP3965 Datasheet
452Kb / 13P
PRIMARY SIDE POWER SWITCHER FOR FLYBACK/NON-ISOLATED BUCK SMPS
Rev 3
logo
Maxic Technology Corpor...
MT8803R3 MAXIC-MT8803R3 Datasheet
170Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
MT8803T0 MAXIC-MT8803T0 Datasheet
170Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
MT8805S0 MAXIC-MT8805S0 Datasheet
127Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
logo
Diodes Incorporated
AP3928 DIODES-AP3928 Datasheet
689Kb / 2P
High-Voltage, Non-Isolated, Offline Switcher with Low Standby Power for Appliances and IoT Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com