Electronic Components Datasheet Search
  English  ▼

X  

AP7372 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7372
Description  Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7372 Datasheet HTML 1Page - Diodes Incorporated AP7372 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The AP7372, with its very low 8µVRMS noise and large PSRR,
is ideal for noise-sensitive applications.
The AP7372 low dropout regulator, with its
very low 8µVRMS noise and large high-
frequency power supply rejection-ratio
(PSRR), is ideal for power supplies in noise-
sensitive signal chain blocks like precision
ADC/DAC, VCO, medical devices, and
instrumentation.
This high-VIN LDO operates from 2.7V to
20V, enabling operation in many standard
power rail systems. It delivers 200mA output
current with fixed output voltage options of
1.8V, 2.5V, 3.3V and 5.0V, and is also
available in an adjustable version with a
nominal 1.2V output.
The AP7372’s fixed-output voltages can be
adjusted above the nominal value using an
external feedback divider. The device
supports an adjustable output from VOUT(NOM)
to VIN (minus the dropout voltage, VDO).
It also has excellent line and load transient
response with a small 2.2μF ceramic output
capacitor, and it supports adjustable soft-
start using a small capacitor on the SS pin.
The AP7372 is available in the tiny
U-WLB1012-6 (Type A1); occupying only
1mm by 1.2mm and enabling it to be used in
high-power-density applications across
a -40ºC to +125ºC ambient temperature
range.
Low 8µVRMS, High-PSRR 20V 200mA LDO Reduces Noise and
Ripple on Power Rails in Noise-Sensitive Applications
AP7372
▪ Low Noise: 8μVrms
Ensures minimal additive noise in power supplies for precision
ADC, DAC, VCO, medical devices, and instrumentation
▪ High PSRR (90dB@10kHz, 70dB@100kHz, 52dB@1MHz)
Rejects input ripples and noise across a wide frequency range,
improving signal-to-noise ratios
▪ Wide 2.7V to 20V Input Voltage Range:
Supports Li-Ion, 3.3V, 5V, and 12V power rails
▪ Four-Fixed Output Voltages with ±0.8% Output Accuracy
Which Can Be Adjusted
Maintains high output voltage accuracy with the versatility to
adjust the output voltage if necessary
▪ Easily Adjustable Soft-Start Time by External Capacitor
Allows optimization of start-up time to system needs
Applications
Low noise point-of-load regulation for:
▪ ADC and DAC circuits
▪ Precision signal conditioning
▪ VCO VTUNE controls
▪ Communications and
infrastructures
▪ Medical and healthcare
equipment
▪ Industrial equipment
▪ Instrumentation
August 2025
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - AP7372

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7372 DIODES-AP7372 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
AP7372-12CBA6-7 DIODES-AP7372-12CBA6-7 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
AP7372-18CBA6-7 DIODES-AP7372-18CBA6-7 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
AP7372-25CBA6-7 DIODES-AP7372-25CBA6-7 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
AP7372-33CBA6-7 DIODES-AP7372-33CBA6-7 Datasheet
1Mb / 15P
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Rev. 3 - 2 May 2025
More results

Similar Description - AP7372

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
Low Noise, High PSRR LDO Regulator
VER 1.3
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Linear Technology
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
600mA High PSRR Low Noise LDO
logo
Renesas Technology Corp
RAA214020 RENESAS-RAA214020 Datasheet
2Mb / 46P
Ultra Low Noise, High PSRR, LDO
Dec 17, 2021
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com