Electronic Components Datasheet Search
  English  ▼

X  

AP7375Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7375Q
Description  Ultra-Low Quiescent, 45V Input Voltage, 150mA Automotive-Compliant LDO Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7375Q Datasheet HTML 1Page - Diodes Incorporated AP7375Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
AP7369Q
Typical Application
Automotive-Compliant CMOS LDO Product Portfolio
October 2025
Part
Number
VIN
VOUT
IOUT
VDROP @
Full Load
IQ
Output
Accuracy Enable Output
Discharge
PSRR
@1kHz
Package
V
V
mA
mV
µA
%
dB
AP7369Q
3.0 to
45
2.5, 3.3, 5.0
150
1000
2.1
2
No
No
85
SOT25, SOT223
AP7343Q
1.7 to
5.25
0.9, 1.0, 1.1, 1.2, 1.5,
1.8, 1.85, 2.5, 2.7, 2.8,
2.9, 3.0, 3.3
300
310
35
1
Yes
No
75
SOT25
AP7343DQ
Yes
AP7347DQ
1.7 to
5.5
1.0, 1.05, 1.1,1.15,1.2,
1.5,1.7, 1.8, 2.2, 2.5,
2.8, 2.9, 3.3, 5.0
500
320
60
1
Yes
Yes
75
SOT25,
U-DFN2020-6/SWP
AP7347EQ
1.7 to
5.5
Adj 1-5V
500
320
75
1
Yes
Yes
75
U-DFN2020-6/SWP,
V-DFN3030-8/SWP
AP7375Q
3.0 to
45
1.8, 3.0, 3.3, 5.0
300
1200
2.1
2
Yes
No
85
SOT25,
U-DFN2020-6/SWP,
SOT89, SO-8EP
Orderable Part Number
VOUT
(V)
Compliance
(Only Automotive
Supports PPAP)
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
AP7369Q-xxW5-7
25 : 2.5V
33 : 3.3V
50 : 5.0V
Automotive
SOT25
MSL-1
3,000
7” Tape
& Reel
AP7369Q-xxE-13
SOT223
MSL-1
2,500
13” Tape
& Reel
Ordering Information
VIN
GND
VOUT
COUT
10μF
VOUT
VIN
AP7369Q
CIN
1μF
AP7369Q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com