Electronic Components Datasheet Search
  English  ▼

X  

STM32H533CEI6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32H533CEI6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEI6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32H533CEI6 Datasheet HTML 18Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 19Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 20Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 21Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 22Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 23Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 24Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 25Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 231 page
background image
Functional overview
STM32H533xx
22/231
DS14539 Rev 1
Note:
The ECC is supported by SRAM2, and BKPSRAM when enabled with the SRAM2_ECC,
and BKPRAM_ECC user option bits.
3.5.1
SRAMs TrustZone security
When the TrustZone security is enabled, all SRAMs are secure after reset. The SRAM1,
SRAM2, SRAM3, can be programmed as secure or non-secure by blocks, using the
MPCBB (block-based memory protection controller).
The granularity of SRAM secure block based is a page of 512 bytes. Backup SRAM regions
can be programmed as secure or non-secure with watermark, using the TZSC (TrustZone
security controller) in the GTZC (global TrustZone controller).
3.5.2
SRAMs privilege protection
The SRAM1, SRAM2, SRAM3, can be programmed as privileged or non-privileged by
blocks, using the MPCBB. The granularity of SRAM privilege block based is a page of
512 bytes. Backup SRAM regions can be programmed as privileged or non-privileged with
watermark, using the TZSC (TrustZone security controller) in the GTZC (global TrustZone
controller).
3.6
Security overview
The STM32H533xx security enables the possibility to reopen the debug mode even if the
product is in secure state.
The reopening of the debug mode is controlled with a debug authentication procedure which
permits the authentication of the host.
The sensible assets such as keys or secret codes must be protected when opening the
debug mode. The protection is made via code protection and hardware keys storage
solutions where all root of trust can be protected thanks to hardware mechanisms.
In cases where sensitive information cannot be protected, a partial or a full regression can
be launched in order to allow a debugging. Regressions are enabled by a debug
authentication method.
The STM32H533xx design also permits the developers to introduce their own root of trust
solution (OEM-iROT), including their installation in a non-trusted environment thanks to a
secure firmware install (SFI) solution.
The STM32H533xx boot stages are isolated via a hardware mechanism called HDPL
(temporal isolation level). The HDPL guarantees isolation of the different boot stages: ST
assets, iROT (immutable root of trust), uROT (updatable root of trust), secure operating
system and non-secure applications.
STM32H533xx devices embed a hardware key storage solution with the following
characteristics:
•
Feature a dedicated flash memory area per boot stages with access-control based on
HDPL and which can be secure or non-secure.
•
The keys can be stored encrypted with a derived key related to the current execution
context (HDPL, regression counter called EPOCH, secure or non-secure).
•
One crypto accelerator hardware DPA resistant (SAES), connected via hardware key
bus to a non-DPA protected accelerator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com