Electronic Components Datasheet Search
  English  ▼

X  

T4537AS Datasheet(PDF) 1 Page - Carl Kammerling International Limited

Part # T4537AS
Description  Compound Action Snip Straight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

T4537AS Datasheet(HTML) 1 Page - Carl Kammerling International Limited

  T4537AS Datasheet HTML 1Page - Carl Kammerling International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11 May 2020 12:00PM
Created via cki.skoocloud.com
1 of 1
Product Specification PDF
Date
Correct as of 11th May 2020
Brand
C.K
Product
T4537AS
Description
Compound Action Snip Straight
Barcode
5013969027372
Commodity code 8203300000
Country of origin TW
Features &
Benefits
~ Compound action, high leverage design for easy cutting of steel, stainless steel, titanium etc. ~ Forged chrome
molybdenum steel jaws, hardened and tempered for long term cutting performance ~ Ergonomic grips with slip guards
for safety ~ Blades configured for straight cuts ~ Length: 240 mm
Product Weights and Measures
Product only
Product & primary
packaging
Secondary packaging
Transit packaging
Item Quantity
1
1
3
48
Width mm
67
67
90
300
Depth mm
30
30
280
350
Height mm
265
265
95
300
Weight
389
405
1315
21.7
Packaging Information
Card use
Backing card
Box
Case
Card gms
15
100
675
Plastic use
Sleeve
0
-
Plastic gms
1
0
0
Metal use
0
0
-
Metal gms
0
0
0
Timber use
0
0
-
Timber gms
0
0
0


Similar Part No. - T4537AS

ManufacturerPart #DatasheetDescription
logo
Bi technologies
T45331G BITECH-T45331G Datasheet
55Kb / 4P
Thick Film Super Low Profile SIP Resistor Networks
T45331J BITECH-T45331J Datasheet
55Kb / 4P
Thick Film Super Low Profile SIP Resistor Networks
More results

Similar Description - T4537AS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
CAT-HT-169-1620-11 SAMTEC-CAT-HT-169-1620-11 Datasheet
394Kb / 4P
Straight Action Hand Tool
CAT-HT-246-1416-14 SAMTEC-CAT-HT-246-1416-14 Datasheet
765Kb / 3P
Straight Action Hand Tool
CAT-HT-310-1012-14 SAMTEC-CAT-HT-310-1012-14 Datasheet
1,022Kb / 3P
Straight Action Hand Tool
STS-M-174-2030-13 SAMTEC-STS-M-174-2030-13 Datasheet
995Kb / 3P
Straight Action Hand Tool
STS-M-246-1416-14 SAMTEC-STS-M-246-1416-14 Datasheet
765Kb / 3P
Straight Action Hand Tool
STS-M-281-2430-13 SAMTEC-STS-M-281-2430-13 Datasheet
886Kb / 3P
Straight Action Hand Tool
STS-M-393-2430-13 SAMTEC-STS-M-393-2430-13 Datasheet
819Kb / 3P
Straight Action Hand Tool
logo
Molex Electronics Ltd.
0570225400 MOLEX-0570225400 Datasheet
36Kb / 2P
New Handtool (Straight Action)
08/26/2022
0570225500 MOLEX-0570225500 Datasheet
35Kb / 2P
Handtool (Straight Action)
08/26/2022
0570385300 MOLEX-0570385300 Datasheet
35Kb / 2P
Handtool - Straight Action
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com