Electronic Components Datasheet Search
  English  ▼

X  

AHBU608 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # AHBU608
Description  6 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

AHBU608 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  AHBU608 Datasheet HTML 1Page - DIOTEC Electronics Corporation AHBU608 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRHB-600-1C
MECHANICAL SPECIFICATION
E27
6 AMP SILICON BRIDGE RECTIFIERS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
UNITS
+
-
UL RECOGNIZED - FILE #E124962
DC LEADS
AC LEADS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
ABHB-600-1C
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
Unique structure
Ideal for DC motor related applications
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - AHBU608

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AHB YAGEO-AHB Datasheet
1Mb / 8P
High Power, Wirewound Threaded, Chassis Mount AHB Series
Aug. 31, 2023 V.1
logo
JSP Ltd.
AHB010-000-100 JSP-AHB010-000-100 Datasheet
196Kb / 8P
Safety Helmet
AHB010-000-200 JSP-AHB010-000-200 Datasheet
196Kb / 8P
Safety Helmet
AHB010-000-300 JSP-AHB010-000-300 Datasheet
196Kb / 8P
Safety Helmet
AHB010-000-500 JSP-AHB010-000-500 Datasheet
196Kb / 8P
Safety Helmet
More results

Similar Description - AHBU608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH148 ETC1-VH148 Datasheet
261Kb / 2P
6 Amp Epoxy Bridge Rectifiers
logo
DIOTEC Electronics Corp...
DT6C00 DEC-DT6C00 Datasheet
326Kb / 1P
6 AMP SILICON BRIDGE RECTIFIERS
SBU6A DEC-SBU6A Datasheet
374Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
DB604 DEC-DB604 Datasheet
383Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-600-1D DEC-BRDB-600-1D Datasheet
385Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
06DB DEC-06DB Datasheet
385Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
06HBU DEC-06HBU Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
06SBU DEC-06SBU Datasheet
376Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VH247 NJSEMI-VH247 Datasheet
93Kb / 1P
6 Amp Epoxy Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com