Electronic Components Datasheet Search
  English  ▼

X  

ADB1508 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # ADB1508
Description  15 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

ADB1508 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  ADB1508 Datasheet HTML 1Page - DIOTEC Electronics Corporation ADB1508 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES DB1500 - DB1510 and SERIES ADB1504 - ADB1508
Data Sheet No. BRDB-1500-2C
15 AMP SILICON BRIDGE RECTIFIERS
E36
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Number of Cycles at 60 Hz
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
9
3
0
6
12
15
18
0
50
100
150
FIGURE 1. FORWARD CURRENT DERATING CURVE
Case Temperature, C
Resistive or Inductive Loads
Bridge Mounted on 5 x 4 x 3" Thick
(12.7 x 10.2 x 7.6cm) Finned Al. Plate
60Hz
T = 125 C
ABDB-1500-2C
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
.01
0.1
1.0
10
T = 125 C
T = 25 C
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Instantaneous Forward Voltage (Volts)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10
T = 25 C
Pulse Width = 300 Sec
1%Duty Cycle
m
75
125



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com