Electronic Components Datasheet Search
  English  ▼

X  

1698005 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1698005
Description  NBC-R4OC/2,0-BC6A/R4OC-VT - Patch cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1698005 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1698005 Datasheet HTML 1Page - PHOENIX CONTACT 1698005 Datasheet HTML 2Page - PHOENIX CONTACT 1698005 Datasheet HTML 3Page - PHOENIX CONTACT 1698005 Datasheet HTML 4Page - PHOENIX CONTACT 1698005 Datasheet HTML 5Page - PHOENIX CONTACT 1698005 Datasheet HTML 6Page - PHOENIX CONTACT 1698005 Datasheet HTML 7Page - PHOENIX CONTACT 1698005 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Outer sheath, material
LSZH
External sheath, color
violet
Conductor material
Bare Cu litz wires
Material wire insulation
PE
Single wires, quantity
8
Single wire, cross section [AWG]
26
Thickness, outer sheath
approx. 0.70 mm
Optical shield covering
70 %
Insulation resistance
≥ 5000 MΩ*km
Loop resistance
≤ 148.00 Ω/km
Wave impedance
100 Ω
Minimum bending radius, fixed installation
8 x D
Smallest bending radius, fixed installation
52 mm
75 dB (with 1 MHz)
66.3 dB (at 4 МHz)
60.3 dB (at 10 MHz)
57.2 dB (at 16 MHz)
55.8 dB (at 20 МHz)
52.9 dB (at 31.25 МHz)
48.4 dB (at 62.5 МHz)
45.3 dB (at 100 MHz)
40.8 dB (at 200 MHz)
38.1 dB (at 300 MHz)
36.3 dB (at 400 MHz)
Near end crosstalk attenuation (NEXT)
34.8 dB (at 500 MHz)
72.3 dB (with 1 MHz)
63.3 dB (at 4 МHz)
58.8 dB (at 8 МHz)
57.3 dB (at 10 MHz)
54.2 dB (at 16 MHz)
52.8 dB (at 20 МHz)
51.3 dB (at 25 MHz)
49.9 dB (at 31.25 МHz)
45.4 dB (at 62.5 МHz)
42.3 dB (at 100 MHz)
37.8 dB (at 200 MHz)
35.1 dB (at 300 MHz)
33.3 dB (at 400 MHz)
Power-summated near end crosstalk attenuation (PSNEXT)
31.8 dB (at 500 MHz)
20 dB (with 1 MHz)
23 dB (at 4 МHz)
24.5 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
Return attenuation (RL)
NBC-R4OC/2,0-BC6A/R4OC-VT - Patch cable
1698005
https://www.phoenixcontact.com/us/products/1698005
Nov 25, 2025, 7:27AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com