Electronic Components Datasheet Search
  English  ▼

X  

1698024 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1698024
Description  NBC-R4OC/12,5-BC6A/R4OC-OG - Patch cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1698024 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1698024 Datasheet HTML 1Page - PHOENIX CONTACT 1698024 Datasheet HTML 2Page - PHOENIX CONTACT 1698024 Datasheet HTML 3Page - PHOENIX CONTACT 1698024 Datasheet HTML 4Page - PHOENIX CONTACT 1698024 Datasheet HTML 5Page - PHOENIX CONTACT 1698024 Datasheet HTML 6Page - PHOENIX CONTACT 1698024 Datasheet HTML 7Page - PHOENIX CONTACT 1698024 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
24.2 dB (at 25 MHz)
23.3 dB (at 31.25 МHz)
20.7 dB (at 62.5 МHz)
19 dB (at 100 MHz)
16.4 dB (at 200 MHz)
15.6 dB (at 300 MHz)
15.6 dB (at 400 MHz)
15.6 dB (at 500 MHz)
3.1 dB (with 1 MHz)
5.7 dB (at 4 МHz)
8.9 dB (at 10 MHz)
11.2 dB (at 16 MHz)
12.6 dB (at 20 МHz)
15.8 dB (at 31.25 МHz)
22.5 dB (at 62.5 МHz)
28.7 dB (at 100 MHz)
41.4 dB (at 200 MHz)
51.4 dB (at 300 MHz)
60.1 dB (at 400 MHz)
Shield attenuation
67.9 dB (at 500 MHz)
Halogen-free
complying with IEC 60754-1/2
Flame resistance
IEC 60332-1-2/IEC 60332-3-24/CM
-20 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-20 °C ... 80 °C (Cable, flexible installation)
Ambient temperature (installation)
0 °C ... 60 °C
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-20 °C ... 80 °C
Ambient temperature (storage/transport)
0 °C ... 40 °C
Standards and regulations
Flame resistance
IEC 60332-1-2
NBC-R4OC/12,5-BC6A/R4OC-OG - Patch cable
1698024
https://www.phoenixcontact.com/us/products/1698024
Nov 25, 2025, 12:20AM
Page 5 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com