Electronic Components Datasheet Search
  English  ▼

X  

1964006 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1964006
Description  Base strip - MSTBV 2,5/ 8-G THT - 1964006
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1964006 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1964006 Datasheet HTML 1Page - PHOENIX CONTACT 1964006 Datasheet HTML 2Page - PHOENIX CONTACT 1964006 Datasheet HTML 3Page - PHOENIX CONTACT 1964006 Datasheet HTML 4Page - PHOENIX CONTACT 1964006 Datasheet HTML 5Page - PHOENIX CONTACT 1964006 Datasheet HTML 6Page - PHOENIX CONTACT 1964006 Datasheet HTML 7Page - PHOENIX CONTACT 1964006 Datasheet HTML 8Page - PHOENIX CONTACT 1964006 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/us/products/1964006
08/07/2017   Page 1 / 9
Base strip - MSTBV 2,5/ 8-G THT - 1964006
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 8, pitch: 5 mm, Color: black,
contact surface: Tin, mounting: THR soldering, User information and design recommendations for through hole
reflow technology can be found under “Downloads”
The figure shows a 8-position
version with threaded flange
Why buy this product
 
Key Commercial Data
Packing unit
1
GTIN
GTIN
4017918916619
Custom tariff number
85366930
Technical data
Dimensions
Length [ l ]
8.6 mm
Pitch
5 mm
Dimension a
35.00 mm
Constructional height
13 mm
Length of the solder pin
3.9 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
MSTBV 2,5/..-G-THT


Similar Part No. - 1964006

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1964 KEYSTONE-1964 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Winchester Electronics ...
1964-1-5 WINCHESTER-1964-1-5 Datasheet
63Kb / 1P
RECEPTACLE, BULKHEAD, TRB
1964-4-7 WINCHESTER-1964-4-7 Datasheet
656Kb / 2P
BNC TRAX BULKHEAD RECEPTACLE
logo
Weidmuller
1964180000 WEIDMULLER-1964180000 Datasheet
260Kb / 4P
SL 5.08/04/135B 3.2AU BK BX
logo
Adels-Contact
196420 ADELS-196420 Datasheet
114Kb / 1P
ZEL 110
More results

Similar Description - 1964006

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753576 PHOENIX-1753576 Datasheet
115Kb / 7P
Base strip - MSTBV 2,5/ 9-G
1753615 PHOENIX-1753615 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/11-G
1753712 PHOENIX-1753712 Datasheet
112Kb / 7P
Base strip - MSTBV 2,5/16-G
1753796 PHOENIX-1753796 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/20-G
1753534 PHOENIX-1753534 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/ 7-G
1753770 PHOENIX-1753770 Datasheet
87Kb / 5P
Base strip - MSTBV 2,5/19-G
1753819 PHOENIX-1753819 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/21-G
1753851 PHOENIX-1753851 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/23-G
1826160 PHOENIX-1826160 Datasheet
73Kb / 4P
Base strip - MSTBV 2,5/ 8-G GY
1941061 PHOENIX-1941061 Datasheet
142Kb / 5P
Base strip - MSTBVA 2,5/ 8-G THT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com