Electronic Components Datasheet Search
  English  ▼

X  

KP466P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # KP466P
Description  XENSIV™ digital absolute pressure sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP466P Datasheet(HTML) 1 Page - Infineon Technologies AG

  KP466P Datasheet HTML 1Page - Infineon Technologies AG KP466P Datasheet HTML 2Page - Infineon Technologies AG KP466P Datasheet HTML 3Page - Infineon Technologies AG KP466P Datasheet HTML 4Page - Infineon Technologies AG KP466P Datasheet HTML 5Page - Infineon Technologies AG KP466P Datasheet HTML 6Page - Infineon Technologies AG KP466P Datasheet HTML 7Page - Infineon Technologies AG KP466P Datasheet HTML 8Page - Infineon Technologies AG KP466P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
XENSIV™ digital absolute pressure sensor
Features
• High accuracy pressure sensing (±1.0 kPa), pressure range 60 to 165 kPa
• Operating ambient temperature range -40°C to 125°C
• Best in class low power consumption with dedicated power-down mode for energy saving
• 10-, 12- or 14-bit resolution pressure and temperature values via SPI Interface
• Integrated signal path diagnosis features
• Green, small 4.5 mm x 5.1 mm 8-pin DFN package
 
Potential applications
• Automotive barometric air pressure sensor (BAP) 
• Automotive manifold air flow sensor (MAF)
• Automotive battery monitoring system (BMS)
• Automotive seat comfort system
• Industrial control
• Weather stations
• Altimeters
 
Product validation
Product validation according to AEC-Q103-002. Qualified for automotive applications.
 
Description
The KP466P is a high-performance, high-precision miniaturized digital absolute pressure sensor based on a capacitive sensing
principle. It is surface micromachined with a monolithic integrated signal conditioning circuit.
The device converts a physical pressure into a 10-, 12- or 14-bit digital value and transmits the information via the SPI interface. In
addition, a temperature sensor is integrated on chip. Based on the received SPI command, the 10-, 12- or 14-bit temperature
information will also be transmitted via the SPI interface.
The device has implemented a particular Power-Down Mode which allows the user to even reduce the power consumption of the
device. A special reliability feature are the integrated diagnostics, which allows testing the sensor cells as well as the signal path.
This diagnosis can be triggered with a SPI command.
 
Product type
Package
Marking
Ordering code
KP466P
PG-DFN-8-1
KP46P
SP005866675
KP466P
Datasheet
Datasheet
Please read the sections "Important notice" and "Warnings" at the end of this document
Rev. 1.0.0
www.infineon.com
2023.05.15


Similar Part No. - KP466P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP466 INFINEON-KP466 Datasheet
2Mb / 36P
XENSIV™ digital absolute pressure sensor
Rev. 1.0.0 2022-11-25
KP466XTMA1 INFINEON-KP466XTMA1 Datasheet
2Mb / 36P
XENSIV™ digital absolute pressure sensor
Rev. 1.0.0 2022-11-25
More results

Similar Description - KP466P

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
ABSOLUTE PRESSURE SENSOR
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
Absolute Pressure Sensor
Rev 2.14, 2007-11-23
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
Absolute Pressure Sensor
Rev 1.01, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
Absolute Pressure Sensor
November 2007 Rev 1.02
KP253 INFINEON-KP253 Datasheet
1Mb / 29P
Digital Absolute Pressure Sensor
Revision 1.1, 2015-07-29
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
Absolute Pressure Sensor
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
Absolute Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com