Electronic Components Datasheet Search
  English  ▼

X  

K366T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K366T
Description  Motorist Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K366T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K366T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motorist Kit
Ì A handy kit in either a durable moulded case or a waterproof bag
Ì Contains essential first aid items for minor incidents whilst on the road
Ì Highly portable
Ì Compact size: will fit into most glove compartments
Ì Includes 2 x 20ml eyewash, 1 x Microporous tape, 1 x Vehicle sticker, 2 x Non-adher-
ent dressing, 2 x Self seal waste bags
Contents:
Guidance card
1
Assorted plasters sterile
10
Eyewash saline 20ml
2
Triangular bandage
2
Safety pins assorted
6
Length
200
Medium dressing sterile
1
Width
130
Large dressing sterile
1
Depth
70
Wound cleansing wipes
10
HS322
Price Each
Case
Order Code
Plastic
707-4104
Waterproof
323-5750


Similar Part No. - K366T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K3662 TOSHIBA-K3662 Datasheet
203Kb / 6P
Switching Regulator, DC−DC Converter, Motor Drive Applications
K3667 TOSHIBA-K3667 Datasheet
226Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
More results

Similar Description - K366T

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
SUPPORT ANGLE KIT, CHASSIS KIT
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
Freescale Semiconductor...
TWR-S08LL64-KIT FREESCALE-TWR-S08LL64-KIT Datasheet
85Kb / 3P
Freescale - TWR-S08LL64-KIT - Development Kit
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
Kit
logo
PHOENIX CONTACT
2913159 PHOENIX-2913159 Datasheet
43Kb / 2P
Mounting kit - VL Panel Mounting Kit
2913160 PHOENIX-2913160 Datasheet
44Kb / 2P
Mounting kit - VL BOOKSHELF MOUNTING KIT
2701177 PHOENIX-2701177 Datasheet
43Kb / 2P
Mounting kit - VL PANEL MOUNTING KIT
logo
SparkFun Electronics
ROB-13140 SPARKFUN-ROB-13140 Datasheet
105Kb / 2P
Actobotics Kit - Channel Slider Kit
12????8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com