Electronic Components Datasheet Search
  English  ▼

X  

UFR102 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # UFR102
Description  1 AMP ULTRAFAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

UFR102 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  UFR102 Datasheet HTML 1Page - DIOTEC Electronics Corporation UFR102 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. SESA-101-1B
MECHANICAL SPECIFICATION
1 AMP ULTRAFAST RECOVERY DIODES
C3
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.028
In
mm
0.107
0.205
0.034
5.2
2.7
0.86
0.160
0.103
25.4
0.71
4.1
2.6
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
SERIES UFR100 - UFR110
DO - 41
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
LOW SWITCHING NOISE
LOW THERMAL RESISTANCE
HIGH SWITCHING CAPABILITY
LOW FORWARD VOLTAGE DROP
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
RoHS
CO
MPLIANT


Similar Part No. - UFR102

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
UFR102 DIGITRON-UFR102 Datasheet
133Kb / 2P
1A ULTRAFAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UFR10260 MICROSEMI-UFR10260 Datasheet
124Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFR10270 MICROSEMI-UFR10270 Datasheet
124Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFR10280 MICROSEMI-UFR10280 Datasheet
124Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
More results

Similar Description - UFR102

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
UFR300 DEC-UFR300 Datasheet
437Kb / 2P
3 AMP ULTRAFAST RECOVERY DIODES
UFR600 DEC-UFR600 Datasheet
412Kb / 2P
6 AMP ULTRAFAST RECOVERY DIODES
UFR3001C DEC-UFR3001C Datasheet
438Kb / 2P
30 AMP ULTRAFAST RECOVERY DIODES
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
UFR400 DEC-UFR400 Datasheet
141Kb / 2P
4 AMP ULTRAFAST RECOVERY DIODES
SESA-101-1B DEC-SESA-101-1B Datasheet
413Kb / 1P
1 AMP ULTRAFAST RECOVERY DIODES
SESA-301-1B DEC-SESA-301-1B Datasheet
167Kb / 2P
3 AMP ULTRAFAST RECOVERY DIODES
logo
Kyocera Kinseki Corpota...
SESA-401-1C KSS-SESA-401-1C Datasheet
141Kb / 2P
4 AMP ULTRAFAST RECOVERY DIODES
logo
DIOTEC Electronics Corp...
SESA-600-1C DEC-SESA-600-1C Datasheet
415Kb / 2P
6 AMP ULTRAFAST RECOVERY DIODES
SEDR-3000-1B DEC-SEDR-3000-1B Datasheet
441Kb / 2P
30 AMP ULTRAFAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com