Electronic Components Datasheet Search
  English  ▼

X  

UFR403 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # UFR403
Description  4 AMP ULTRAFAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

UFR403 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  UFR403 Datasheet HTML 1Page - DIOTEC Electronics Corporation UFR403 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
FEATURES
DataSheetNo.SESA-401-1C
MECHANICAL SPECIFICATION
4 AMP ULTRAFASTRECOVERY DIODES
Case: JEDEC DO-27 molded epoxy (U/L Flammability Rating 94V-0)
Terminals: Plated axial leads
Solderability: Per MIL-STD 202 Method 208 guaranteed
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.04 Ounces (1.12 Grams)
C11
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive loads, derate current by 20%.
Average Forward Rectified Current @ T = (as shown)
A
PARAMETER(TESTCONDITIONS)
Maximum DC Blocking Voltage
Peak Forward Surge Current ( 8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage at:
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
IO
VRMS
VRRM
VRM
SYMBOL
RATINGS
VOLTS
AMPS
UNITS
VOLTS
VFM
IFSM
200
ColorBand
Denotes
Cathode
LD(Dia)
BD(Dia)
LL
BL
LL
1.20
1.25
ACTUAL SIZE OF
DO-27 PACKAGE
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.048
In
mm
0.365
0.205
0.052
9.28
5.2
1.3
25.4
1.2
UFR UFR
UFR
UFR UFR UFR
UFR UFR
UFR
401 402 403 404 406 408 409 410
50
50
100
100
200
200
300
300
400
400
35
70 140 210 280
600
600
800
800
900
900
1000
1000
420 560 630 700
@T =80 C
A
o
@T =55 C
A
o
1.70
1.85
400
SERIESUFR400-UFR410
DO-27
4
4
Typical Thermal Resistance:
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
RGJL
RGJA
°C/W
mA
@ T = 25 C
J
o
@ T = 125 C
J
o
10
50
5
50
7.5
18.0
(1) Measured at 1MHz and an applied reverse voltage of 4 volts.
Junction Operating and Storage Temperature Range
TJ,TSTG
°C
Typical Junction Capacitance (Note 1)
CJ
pF
-65 to +175
3.01 ufr400
NOTES:
Maximum Reverse Recovery Time (I =0.5A, I =1A, I
=0.25A)
F
R
RR
TRR
nSec
50
60
75
45
3-Amps DC
4-Amps DC
Junction to Lead
Junction to Air
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
LOWSWITCHINGNOISE
LOWTHERMAL RESISTANCE
HIGHSWITCHINGCAPABILITY
LOWFORWARDVOLTAGEDROP
R
PROPRIETARY
JUNCTION
PASSIVATIONFORSUPERIORRELIABILITY AND
PERFORMANCE
SOFTGLASS
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
RoHSCO
MPLIANT


Similar Part No. - UFR403

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
UFR100 DEC-UFR100 Datasheet
410Kb / 2P
1 AMP ULTRAFAST RECOVERY DIODES
logo
Digitron Semiconductors
UFR100 DIGITRON-UFR100 Datasheet
133Kb / 2P
1A ULTRAFAST RECOVERY RECTIFIER
logo
ZIEHL industrie-elektro...
UFR1001 ZIEHL-UFR1001 Datasheet
315Kb / 2P
Voltage- and Frequency Relay UFR1001 with integrated vector shift relay, sealable
UFR1001E ZIEHL-UFR1001E Datasheet
1Mb / 2P
Voltage and Frequency Relay UFR1001E
logo
DIOTEC Electronics Corp...
UFR101 DEC-UFR101 Datasheet
410Kb / 2P
1 AMP ULTRAFAST RECOVERY DIODES
More results

Similar Description - UFR403

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
UFR300 DEC-UFR300 Datasheet
437Kb / 2P
3 AMP ULTRAFAST RECOVERY DIODES
UFR600 DEC-UFR600 Datasheet
412Kb / 2P
6 AMP ULTRAFAST RECOVERY DIODES
UFR3001C DEC-UFR3001C Datasheet
438Kb / 2P
30 AMP ULTRAFAST RECOVERY DIODES
UFR100 DEC-UFR100 Datasheet
410Kb / 2P
1 AMP ULTRAFAST RECOVERY DIODES
SESA-200-1B DEC-SESA-200-1B Datasheet
406Kb / 2P
2 AMP SUPER-EFFICIENT RECTIFIERS/ULTRAFAST RECOVERY DIODES
SESA-101-1B DEC-SESA-101-1B Datasheet
413Kb / 1P
1 AMP ULTRAFAST RECOVERY DIODES
SESA-301-1B DEC-SESA-301-1B Datasheet
167Kb / 2P
3 AMP ULTRAFAST RECOVERY DIODES
logo
Kyocera Kinseki Corpota...
SESA-401-1C KSS-SESA-401-1C Datasheet
141Kb / 2P
4 AMP ULTRAFAST RECOVERY DIODES
logo
DIOTEC Electronics Corp...
SESA-600-1C DEC-SESA-600-1C Datasheet
415Kb / 2P
6 AMP ULTRAFAST RECOVERY DIODES
SEDR-3000-1B DEC-SEDR-3000-1B Datasheet
441Kb / 2P
30 AMP ULTRAFAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com