Electronic Components Datasheet Search
  English  ▼

X  

TOP233P Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # TOP233P
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP233P Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button TOP233P Datasheet HTML 13Page - Power Integrations, Inc. TOP233P Datasheet HTML 14Page - Power Integrations, Inc. TOP233P Datasheet HTML 15Page - Power Integrations, Inc. TOP233P Datasheet HTML 16Page - Power Integrations, Inc. TOP233P Datasheet HTML 17Page - Power Integrations, Inc. TOP233P Datasheet HTML 18Page - Power Integrations, Inc. TOP233P Datasheet HTML 19Page - Power Integrations, Inc. TOP233P Datasheet HTML 20Page - Power Integrations, Inc. TOP233P Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Rev. C 06/15
17
TOP232-234
www.power.com
Processor Controlled Supply Turn On/Off
A low cost momentary contact switch can be used to turn the
TOPSwitch-FX power on and off under microprocessor control
that may be required in some applications such as printers.
The low power remote off feature allows an elegant implemen-
tation of this function with very few external components as
shown in Figure 27. Whenever the push button momentary
contact switch P1 is closed by the user, the optocoupler U3 is
activated to inform the microprocessor of this action. Initially,
when the power supply is off (M pin is floating), closing of P1
turns the power supply on by shorting the M pin of the
TOPSwitch-FX to SOURCE through a diode (remote on). When
the secondary output voltage VCC is established, the micro-
processor comes alive and recognizes that the switch P1 is
closed through the switch status input that is driven by the
optocoupler U3 output. The microprocessor then sends a
power supply control signal to hold the power supply in the
on-state through the optocoupler U4. If the user presses the
switch P1 again to command a turn off, the microprocessor
detects this through the optocoupler U3 and initiates a
shutdown procedure that is product specific. For example, in
the case of the inkjet printer, the shutdown procedure may
include safely parking the print heads in the storage position.
In the case of products with a disk drive, the shutdown
procedure may include saving data or settings to the disk.
After the shutdown procedure is complete, when it is safe to
turn off the power supply, the microprocessor releases the
M pin by turning the optocoupler U4 off. If the manual switch
and the optocouplers U3 and U4 are not located close to the
M pin, a capacitor C
M may be needed to prevent noise
coupling to the pin when it is open.
The power supply could also be turned on remotely through a
local area network or a parallel or serial port by driving the
optocoupler U4 input LED with a logic signal. Sometimes it is
easier to send a train of logic pulses through a cable (due to
AC coupling of cable, for example) instead of a DC logic level
as a wake-up signal. In this case, a simple RC filter can be
used to generate a DC level to drive U4 (not shown in Figure
27). This remote on feature can be used to wake-up
peripherals such as printers, scanners, external modems, disk
drives, etc., as needed from a computer. Peripherals are
usually designed to turn off automatically if they are not being
used for a period of time, to save power.
Figure 27. Remote ON/OFF using Microcontroller.
U1
U2
U4
U3
CM
P1
PI-2561-062615
VCC
(+5 V)
RETURN
CONTROL
High-Voltage
DC Input
TOPSwitch-FX
D
M
S
F
C
1N4148
U4
LTV817A
6.8 k
Ω
1 nF
100 k
Ω
6.8 k
Ω
U3
LTV817A
27 k
Ω
1N4148
47
µF
P1 Switch
Status
Power
Supply
ON/OFF
Control
External
Wake-up
Signal
LOGIC
INPUT
LOGIC
OUTPUT
MICRO-
PROCESSOR/
CONTROLLER
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com