Electronic Components Datasheet Search
  English  ▼

X  

744821 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744821
Description  WE-CMB, WE-CMB HC & WE-CMB NiZn Common Mode Power Line Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744821 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744821 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.we-online.com
All products
in stock!
EMC COMPONENTS | INDUCTORS | TRANSFORMERS | RF COMPONENTS | CIRCUIT PROTECTION | EMC SHIELDING MATERIAL | CONNECTORS | SWITCHES | ASSEMBLY TECHNIQUE | POWER ELEMENTS
WE-CMB, WE-CMB HC & WE-CMB NiZn
Common Mode Power Line Choke
Please check datasheets on www.we-online.com for specifications. Würth Elektronik eiSos GmbH & Co. KG, EMC & Inductive Solutions. © 2014
Important information: Würth Elektronik’s design kits contain reference components. These components correspond with the current product development status on the day of supply. Exchange of the reference components to components
with up-to-date product development status is not carried out automatically. No liability is taken for the use of these reference components. Therefore, please request new samples prior to releases for series production and product release.
WE-CMB NiZn
WE-CMB HC
WE-CMB
XS
744 841 414
L:
0.014 mH
I
R:
4 A
R
DC:
15 m
S
744 842 101 6
L:
0.016 mH
I
R:
10 A
R
DC:
2.7 m
744 842 932
L:
0.032 mH
I
R:
8.5 A
R
DC:
5.5 m
744 821 150
L:
5 mH
I
R:
1 A
R
DC:
220 m
744 822 222
L:
2.2 mH
I
R:
2 A
R
DC:
70 m
744 823 422
L:
2.2 mH
I
R:
4 A
R
DC:
30 m
744 824 622
L:
2.2 mH
I
R:
6 A
R
DC:
20 m
744 841 330
L:
0.03 mH
I
R:
3 A
R
DC:
26 m
744 822 900 4
L:
0.350 mH
I
R:
8.5 A
R
DC:
5.5 m
744 842 742
L:
0.042 mH
I
R:
6.5 A
R
DC:
8.1 m
744 821 110
L:
10 mH
I
R:
0.7 A
R
DC:
350 m
744 822 233
L:
3.3 mH
I
R:
1.5 A
R
DC:
120 m
744 823 305
L:
5 mH
I
R:
2.5 A
R
DC:
95 m
744 824 433
L:
3.3 mH
I
R:
4 A
R
DC:
35 m
744 841 247
L:
0.047 mH
I
R:
2 A
R
DC:
40 m
744 842 565
L:
0.065 mH
I
R:
5 A
R
DC:
13 m
744 821 120
L:
20 mH
I
R:
0.5 A
R
DC:
1000 m
744 822 110
L:
10 mH
I
R:
1 A
R
DC:
360 m
744 823 210
L:
10 mH
I
R:
2 A
R
DC:
125 m
744 824 310
L:
10 mH
I
R:
3 A
R
DC:
105 m
744 841 210
L:
0.1 mH
I
R:
1.5 A
R
DC:
80 m
744 822 700 5
L:
0.450 mH
I
R:
6.5 A
R
DC:
8.1 m
744 822 500 7
L:
0.700 mH
I
R:
5 A
R
DC:
13.0 m
744 842 311
L:
0.11 mH
I
R:
3 A
R
DC:
31 m
744 821 039
L:
39 mH
I
R:
0.3 A
R
DC:
3000 m
744 822 120
L:
20 mH
I
R:
0.5 A
R
DC:
540 m
744 823 220
L:
20 mH
I
R:
1.5 A
R
DC:
270 m
744 824 220
L:
20 mH
I
R:
2 A
R
DC:
220 m
S
744 822 100 02
L:
0.175 mH
I
R:
10 A
R
DC:
2.7 m
XS
744 821 201
L:
1 mH
I
R:
2 A
R
DC:
45 m
S
744 822 301
L:
1 mH
I
R:
3 A
R
DC:
35 m
M
744 823 601
L:
1 mH
I
R:
6 A
R
DC:
13 m
L
744 824 101
L:
1 mH
I
R:
10 A
R
DC:
7 m


Similar Part No. - 744821

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744821039 WURTH-744821039 Datasheet
132Kb / 1P
COMMON MODE CHOKE WE-CMB
744821110 WURTH-744821110 Datasheet
132Kb / 1P
COMMON MODE CHOKE WE-CMB
744821120 WURTH-744821120 Datasheet
168Kb / 1P
COMMON MODE CHOKE WE-CMB
744821150 WURTH-744821150 Datasheet
132Kb / 1P
COMMON MODE CHOKE WE-CMB
744821201 WURTH-744821201 Datasheet
132Kb / 1P
COMMON MODE CHOKE WE-CMB
More results

Similar Description - 744821

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744841210 WURTH-744841210 Datasheet
168Kb / 1P
COMMON MODE CHOKE WE-CMB NiZn
744841247 WURTH-744841247 Datasheet
168Kb / 1P
COMMON MODE CHOKE WE-CMB NiZn
744841330 WURTH-744841330 Datasheet
168Kb / 1P
COMMON MODE CHOKE WE-CMB NiZn
744841414 WURTH-744841414 Datasheet
168Kb / 1P
COMMON MODE CHOKE WE-CMB NiZn
744842311 WURTH-744842311 Datasheet
82Kb / 2P
COMMON MODE CHOKE WE-CMB "NiZn"||" "481224
LED Array Holder for Citizen CLL040 and CLL050
744842932 WURTH-744842932 Datasheet
82Kb / 2P
COMMON MODE CHOKE WE-CMB "NiZn"||" "481264
Automotive N-Channel 50 V (D-S) 175 째C MOSFET
7448421016 WURTH-7448421016 Datasheet
82Kb / 2P
COMMON MODE CHOKE WE-CMB "NiZn"||" "499794
High current socket with PCB connection
744841330 WURTH-744841330_15 Datasheet
871Kb / 5P
WE-CMB NiZn Common Mode Power Line Choke
744842816 WURTH-744842816 Datasheet
953Kb / 6P
WE-CMB NiZn Common Mode Power Line Choke
001.001
744842632 WURTH-744842632 Datasheet
1Mb / 8P
WE-CMB NiZn Common Mode Power Line Choke
001.002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com