Electronic Components Datasheet Search
  English  ▼

X  

TPS746 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS746
Description  TPS746 1-A High Accuracy Adjustable LDO With Power-Good in a Small Size Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS746 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS746 Datasheet HTML 8Page - Texas Instruments TPS746 Datasheet HTML 9Page - Texas Instruments TPS746 Datasheet HTML 10Page - Texas Instruments TPS746 Datasheet HTML 11Page - Texas Instruments TPS746 Datasheet HTML 12Page - Texas Instruments TPS746 Datasheet HTML 13Page - Texas Instruments TPS746 Datasheet HTML 14Page - Texas Instruments TPS746 Datasheet HTML 15Page - Texas Instruments TPS746 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 1.9 V, VOUT = 0.9 V
VIN = 2.8 V, VOUT = 1.8 V
VIN = 4.3 V, VOUT = 3.3 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 2.3 V, VOUT = 1.8 V
VIN = 2.8 V, VOUT = 1.8 V
VIN = 3.8 V, VOUT = 3.3 V
VIN = 4.3 V, VOUT = 3.3 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 3.5 V
VIN = 3.6 V
VIN = 3.7 V
VIN = 3.8 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 3.9 V
VIN = 4.0 V
VIN = 4.1 V
VIN = 4.2 V
VIN = 4.3 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 3.5 V
VIN = 3.6 V
VIN = 3.7 V
VIN = 3.8 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
VIN = 3.9 V
VIN = 4.0 V
VIN = 4.1 V
VIN = 4.2 V
VIN = 4.3 V
12
TPS746
SBVS337A – APRIL 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TPS746
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and
CIN = COUT = 1 μF (unless otherwise noted)
VOUT = 3.3 V, IOUT = 500 mA, COUT = 2.2 µF
Figure 31. PSRR vs Frequency and VIN
VOUT = 3.3 V, IOUT = 500 mA, COUT = 2.2 µF
Figure 32. PSRR vs Frequency and VIN
VOUT = 3.3 V, IOUT = 250 mA, COUT = 2.2 µF
Figure 33. PSRR vs Frequency and VIN
VOUT = 3.3 V, IOUT = 250 mA, COUT = 2.2 µF
Figure 34. PSRR vs Frequency and VIN
IOUT = 500 mA, COUT = 2.2 µF
Figure 35. PSRR vs Frequency
IOUT = 1 A, COUT = 2.2 µF
Figure 36. PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com