Electronic Components Datasheet Search
  English  ▼

X  

TPS782 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS782
Description  TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS782 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS782 Datasheet HTML 9Page - Texas Instruments TPS782 Datasheet HTML 10Page - Texas Instruments TPS782 Datasheet HTML 11Page - Texas Instruments TPS782 Datasheet HTML 12Page - Texas Instruments TPS782 Datasheet HTML 13Page - Texas Instruments TPS782 Datasheet HTML 14Page - Texas Instruments TPS782 Datasheet HTML 15Page - Texas Instruments TPS782 Datasheet HTML 16Page - Texas Instruments TPS782 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
10
100
1k
10k
100k
Frequency(Hz)
100
10
1
0.1
0.01
0.001
150mA
109 V
m
RMS
50mA
109 V
m
RMS
1mA
108 V
m
RMS
10
10M
100
1k
10k
100k
1M
Frequency(Hz)
80
70
60
50
40
30
20
10
0
150mA
50mA
1mA
TPS782
www.ti.com
SBVS115D – AUGUST 2008 – REVISED JANUARY 2015
Typical Application (continued)
8.2.2.2 Dropout Voltage
The TPS782 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is the linear region of operation and the input-to-output resistance is the
RDS(ON) of the PMOS pass element. VDO approximately scales with output current because the PMOS device
behaves like a resistor in dropout. As with any linear regulator, PSRR and transient response are degraded as
(VIN – VOUT) approaches dropout. This effect is shown in the Typical Characteristics section. Refer to application
report SLVA207, Understanding LDO Dropout, available for download from www.ti.com.
8.2.2.3 Transient Response
As with any regulator, increasing the size of the output capacitor reduces over/undershoot magnitude but
increases duration of the transient response. For more information, see Figure 19.
8.2.2.4 Minimum Load
The TPS782 series is stable with no output load. Traditional PMOS LDO regulators suffer from lower loop gain at
very light output loads. The TPS782 employs an innovative, low-current circuit under very light or no-load
conditions, resulting in improved output voltage regulation performance down to zero output current. See
Figure 19 for the load transient response.
8.2.3 Application Curves
Figure 24. Output Spectral Noise Density vs Frequency,
Figure 25. Ripple Rejection vs Frequency, VIN = 4.2 V,
CIN = 1 μF, COUT = 2.2 μF, VIN = 3.2 V, TPS78227
VOUT = 2.7 V, COUT = 2.2 μF, TPS78227
8.3 Do's and Don’ts
Do place at least one 1-µF ceramic capacitor as close as possible to the OUT pin of the regulator.
Do not place the output capacitor more than 10 mm away from the regulator.
Do connect a 0.1-
μF to 1.0-μF low equivalent series resistance (ESR) capacitor across the IN pin and GND of
the regulator.
Do not exceed the absolute maximum ratings.
9 Power Supply Recommendations
For best performance, connect a low-output impedance power supply directly to the IN pin of the TPS782 series.
Inductive impedances between the input supply and the IN pin create significant voltage excursions at the IN pin
during startup or load transient events. If inductive impedances are unavoidable, use an input capacitor.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS782



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com