Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS720105DRVT.B
Description  TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS720105DRVT.B Datasheet(HTML) 1 Page - Texas Instruments

  TPS720105DRVT.B Datasheet HTML 1Page - Texas Instruments TPS720105DRVT.B Datasheet HTML 2Page - Texas Instruments TPS720105DRVT.B Datasheet HTML 3Page - Texas Instruments TPS720105DRVT.B Datasheet HTML 4Page - Texas Instruments TPS720105DRVT.B Datasheet HTML 5Page - Texas Instruments TPS720105DRVT.B Datasheet HTML 6Page - Texas Instruments TPS720105DRVT.B Datasheet HTML 7Page - Texas Instruments TPS720105DRVT.B Datasheet HTML 8Page - Texas Instruments TPS720105DRVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TPS720xx
V
EN
V
BATT
IN
EN
OUT
GND
V
CORE
1.3 V
1.8 V
Standalone
dc/dc
Converter
or PMU
BIAS
C
BIAS
C
OUT
C
IN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS720
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
1
1 Features
1
•
350-mA High-Performance LDO
•
Low Quiescent Current: 38 μA
•
Excellent Load Transient Response:
±15 mV for ILOAD = 0 mA to 350 mA in 1 μs
•
Excellent Line Transient Response:
ΔVOUT = ±2 mV for ΔVBIAS = ±600 mV in 1 μs
ΔVOUT = ±200 μV for ΔVIN = ±400 mV in 1 μs
•
Low Noise: 48 μVRMS (10 Hz to 100 kHz)
•
80 dB VIN PSRR (10 Hz to 10 kHz)
•
70 dB VBIAS PSRR (10 Hz to 10 kHz)
•
Fast Start-Up Time: 140 μs
•
Built-In Soft-Start With Monotonic VOUT Rise and
Start-Up Current Limited to 100 mA + ILOAD
•
Overcurrent and Thermal Protection
•
Low Dropout: 110 mV at ILOAD = 350 mA
•
Stable with 2.2-μF Output Capacitor
•
Available in 1.33 mm × 0.96 mm DSBGA-5 and 2
mm × 2 mm SON-6 Packages
2 Applications
•
Digital Cameras
•
Cellular Camera Phones
•
Wireless LAN
•
Handheld Products
3 Description
The TPS720 family of dual rail, low-dropout linear
regulators (LDOs) offers outstanding ac performance
(PSRR, load and line transient response), while
consuming a very low quiescent current of 38 μA.
The VBIAS rail that powers the control circuit of the
LDO draws very low current (on the order of the
quiescent current of the LDO) and can be connected
to any power supply that is equal to or greater than
1.4 V above the output voltage. The main power path
is through VIN, which can be a lower voltage than
VBIAS; it can be as low as VOUT + VDO, increasing the
efficiency of the solution in many power-sensitive
applications. For example, VIN can be an output of a
high-efficiency, DC-DC step-down regulator.
The TPS720 supports a novel feature in which the
output of the LDO regulates under light loads when
the IN pin is left floating. The light-load drive current
is sourced from VBIAS under this condition. This
feature
is
particularly
useful
in
power-saving
applications where the DC-DC converter connected
to the IN pin is disabled but the LDO is still required
to regulate the voltage to a light load.
The TPS720 is stable with ceramic capacitors and
uses an advanced BICMOS fabrication process that
yields a dropout of 110 mV at a 350-mA output load.
The TPS720 has the unique feature of providing a
monotonic VOUT rise (overshoot limited to 3%) with
VIN inrush current limited to 100 mA + ILOAD with an
output capacitor of 2.2 μF.
The TPS720 uses a precision voltage reference and
feedback loop to achieve overall accuracy of 2% over
load, line, process, and temperature extremes. An
ultra-small DSBGA package makes the TPS720 ideal
for handheld applications. The TPS720 is also
available in a SON-8 package. This family of devices
is fully specified over the temperature range of
TJ = –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS720
DSBGA (5)
1.36 mm × 0.96 mm
SON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TPS720105DRVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720105DRVT TI-TPS720105DRVT Datasheet
926Kb / 22P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVT TI-TPS720105DRVT Datasheet
741Kb / 21P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVT TI1-TPS720105DRVT Datasheet
850Kb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVT TI-TPS720105DRVT Datasheet
1Mb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVT TI1-TPS720105DRVT Datasheet
1Mb / 33P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS720105DRVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720 TI-TPS720 Datasheet
552Kb / 19P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
logo
Analog Devices
ADP130 AD-ADP130 Datasheet
491Kb / 20P
350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72009 TI1-TPS72009 Datasheet
850Kb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
500 mA ultra-low dropout linear regulator with bias supply
09-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com