Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS73601DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS73601DBVT Datasheet HTML 1Page - Texas Instruments TPS73601DBVT Datasheet HTML 2Page - Texas Instruments TPS73601DBVT Datasheet HTML 3Page - Texas Instruments TPS73601DBVT Datasheet HTML 4Page - Texas Instruments TPS73601DBVT Datasheet HTML 5Page - Texas Instruments TPS73601DBVT Datasheet HTML 6Page - Texas Instruments TPS73601DBVT Datasheet HTML 7Page - Texas Instruments TPS73601DBVT Datasheet HTML 8Page - Texas Instruments TPS73601DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
4 Pin Configuration and Functions
1
2
3
5
4
OUT
NR/FB
GND
EN
IN
Figure 4-1. DBV Package, 5-Pin SOT-23 (Top View)
3
4
5
6
7
8
2
1
OUT
NR/FB
N/C
N/C
N/C
GND
EN
IN
Figure 4-2. DRB Package, 8-Pin VSON (Top View)
OUT
NR/FB
GND
EN
IN
1
2
3
4
6
5
Figure 4-3. DCQ Package, 6-Pin SOT-223 (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SOT-23
SOT-223
VSON
EN
3
5
5
I
Driving the enable pin (EN) high turns on the regulator. Driving this pin
low puts the regulator into shutdown mode. See the Enable Pin and
Shutdown section for more details. EN can be connected to IN if not
used.
FB
4
4
3
I
Adjustable-voltage version only. This pin is the input to the control loop
error amplifier, and sets the output voltage of the device.
GND
2
3, 6
4, Pad
—
Ground.
IN
1
1
8
I
Input supply.
NR
4
4
3
—
Fixed-voltage versions only. Connecting an external capacitor to this
noise reduction pin bypasses noise generated by the internal band
gap, reducing output noise to very low levels.
OUT
5
2
1
O
Output of the regulator. There are no output capacitor requirements for
stability.
(1)
I = Input; O = Output
www.ti.com
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com