Electronic Components Datasheet Search
  English  ▼

X  

2584000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 2584000000
Description  Cabtite – The modular cable entry system for pre-assembled cables and cables with and without plugs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2584000000 Datasheet(HTML) 4 Page - Weidmuller

  2584000000 Datasheet HTML 1Page - Weidmuller 2584000000 Datasheet HTML 2Page - Weidmuller 2584000000 Datasheet HTML 3Page - Weidmuller 2584000000 Datasheet HTML 4Page - Weidmuller 2584000000 Datasheet HTML 5Page - Weidmuller 2584000000 Datasheet HTML 6Page - Weidmuller 2584000000 Datasheet HTML 7Page - Weidmuller 2584000000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Cable Sealing Elements / Grommets - Cabtite SE
The conical shape of the sealing elements allows for easy installation, seals gaps
reliably and ensures strain relief in accordance to DIN EN 62444. Depending on
the material, flammability according to UL94 of V0 (gray) or HB (black) possible.
For installation, they are pressed into place from the inside of the frame inlays.
As a result of its slotted design with wave cut, it is especially suitable for pre-
assembled cables. The seal elements combined with the frames achieve an IP
66 degree of protection. For safe sealing different sealing elements with different
cable diameters and geometries are available.
Technical Data
Material
TPE
Halogen-free / silicone-free
Color
grey RAL 7035
Flammability
UL 94 V-0
Temperature range
–40 °C to + 90 °C (static)
Degree of protection
IP66
Ordering data
Type
Clamping range, mm Design information Qty.
Part No.
CABTITE BSE SML GY
Blanking Plug
small
10
2583350000
CABTITE SE 1.5-2 SML GY
1.5-2
small
10
2583360000
CABTITE SE 1.5 SML GY
1.25-1.75
small
10
2583370000
CABTITE SE 2-3 SML GY
2-3
small
10
2583380000
CABTITE SE 2 SML GY
1.75-2.25
small
10
2583390000
CABTITE SE 3-4 SML GY
3-4
small
10
2583400000
CABTITE SE 3 SML GY
2.75-3.25
small
10
2583410000
CABTITE SE 4-5 SML GY
4-5
small
10
2583440000
CABTITE SE 5-6 SML GY
5-6
small
10
2583450000
CABTITE SE 6-7 SML GY
6-7
small
10
2583460000
CABTITE SE 7-8 SML GY
7-8
small
10
2584660000
CABTITE SE 8-9 SML GY
8-9
small
10
2584650000
CABTITE SE 9-10 SML GY
9-10
small
10
2584630000
CABTITE SE 10-11 SML GY
10-11
small
10
2584610000
CABTITE SE 11-12 SML GY
11-12
small
10
2584600000
CABTITE SE 12-13 SML GY
12-13
small
10
2584590000
CABTITE SE 13-14 SML GY
13-14
small
10
2584570000
CABTITE SE 14-15 SML GY
14-15
small
10
2584560000
CABTITE SE 15-16 SML GY
15-16
small
10
2584550000
CABTITE BSE LRG GY
Blanking Plug
large
10
2584520000
CABTITE SE 14-15 LRG GY
14-15
large
10
2584510000
CABTITE SE 15-16 LRG GY
15-16
large
10
2584500000
CABTITE SE 16-17 LRG GY
16-17
large
10
2584490000
CABTITE SE 17-18 LRG GY
17-18
large
10
2584480000
CABTITE SE 18-19 LRG GY
18-19
large
10
2584470000
CABTITE SE 19-20 LRG GY
19-20
large
10
2584460000
CABTITE SE 20-21 LRG GY
20-21
large
10
2584450000
CABTITE SE 21-22 LRG GY
21-22
large
10
2584440000
CABTITE SE 22-23 LRG GY
22-23
large
10
2584430000
CABTITE SE 23-24 LRG GY
23-24
large
10
2584420000
CABTITE SE 24-25 LRG GY
24-25
large
10
2584410000
CABTITE SE 25-26 LRG GY
25-26
large
10
2584400000
CABTITE SE 26-27 LRG GY
26-27
large
10
2584390000
CABTITE SE 27-28 LRG GY
27-28
large
10
2584370000
CABTITE SE 28-29 LRG GY
28-29
large
10
2584350000
CABTITE SE 29-30 LRG GY
29-30
large
10
2584380000
CABTITE SE 30-31 LRG GY
30-31
large
10
2584360000
CABTITE SE 31-32 LRG GY
31-32
large
10
2584340000
CABTITE SE 32-33 LRG GY
32-33
large
10
2584920000
CABTITE SE 33-34 LRG GY
33-34
large
10
2584910000
CABTITE SE 34-35 LRG GY
34-35
large
10
2595530000
Sealing elements with multiple holes, grey, in small
CABTITE SE 2/4-5 SML GY
4-5
small
10
2584900000
CABTITE SE 2/5-6 SML GY
5-6
small
10
2584890000
CABTITE SE 2/6.5 SML GY
6,5
small
10
2584880000
CABTITE SE 4/2-3 SML GY
2-3
small
10
2584870000
CABTITE SE 4/3-4 SML GY
3-4
small
10
2584860000
CABTITE SE 4/4-5 SML GY
4-5
small
10
2584840000
CABTITE SE 2/7 SML GY
6.75 - 7.25
small
10
2584830000
CABTITE SE 2/8 SML GY
7.75 - 8.25
small
10
2584820000
Sealing elements with special geometry ASI, grey, in small
CABTITE SE 1/ASI SML GY
ASI cable
small
10
2584810000
CABTITE SE 2/ASI SML GY
ASI cable
small
10
2584800000
Note: Model Type (example): Cabtite SE 2/4-5 SML GY
2 = 2 entries / 4 - 5 = ea. entry sealing range of 4 mm - 5 mm
Large sealing elements – Clamping
range 14–35 mm grey version
Small sealing elements – Clamping
range 1.5–16 mm grey version



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com