Electronic Components Datasheet Search
  English  ▼

X  

77620 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 77620
Description  Solid Disc Handwheels
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

77620 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  77620 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid Disc Handwheels
Handwheels
Order No.
d
1
d
2
d
3
d
4
d
5
h
1
h
2
h
3
h
4
l
1
l
2
w
1
Weight
g
77620.W0100
100
4
24
21
M 8
35
14
30
21
85
50
16
231
77620.W0125
125
6
32
23
M 8
45
16
36
13
99
55
18
391
77620.W0150
150
6
32
25
M10
48
18
38
13
113
65
20
541
77620.W0200
200
6
40
28
M10
58
21
45
16
143
85
24
969
77620.W0250
250
8
48
28
M10
66
22
50
17
151
85
30
1589
77620.W0300
300
8
58
28
M10
76
24
57
18
161
85
35
2700
77620
0333 207 4497
sales@wixroyd.com
1
Material
Black, duroplast plastic with zinc plated
steel hub.
Technical Notes
The pilot hole allows various sizes of holes,
keyways etc. to be machined into the hub.


Similar Part No. - 77620

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
776200-1 TEC-776200-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
776200-2 TEC-776200-2 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
776200-4 TEC-776200-4 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
776200-5 TEC-776200-5 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
KATHREIN Solutions GmbH
776202 KATHREIN-776202 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
More results

Similar Description - 77620

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-D-O100A ITT-EGN-D-O100A Datasheet
227Kb / 2P
Analog Navigation Disc
logo
NTE Electronics
90000 NTE-90000 Datasheet
15Kb / 1P
1000V CERAMIC DISC
logo
Vishay Siliconix
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
a disc of low-ß ceramic material with two tinned solid copper leads
09-Oct-08
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
14-Mar-08
logo
List of Unclassifed Man...
820512001 ETC2-820512001 Datasheet
148Kb / 6P
STANDARD VARISTOR DISC
820551311 ETC2-820551311 Datasheet
148Kb / 6P
STANDARD VARISTOR DISC
logo
Dubilier
WD DUBILIER-WD Datasheet
359Kb / 6P
CERAMIC DISC
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
logo
Pepperl+Fuchs Inc.
MH-BT65-SD-01 PF-MH-BT65-SD-01 Datasheet
954Kb / 1P
Distance disc
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com