Electronic Components Datasheet Search
  English  ▼

X  

76RPRB07ST Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 76RPRB07ST
Description  Thru-Hole DIP Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

76RPRB07ST Datasheet(HTML) 1 Page - Grayhill, Inc

  76RPRB07ST Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
C
L
C
L
.281 ± .010
(7,14 ± 0,25)
TYP.
B
.020 + .005 –.000
(0,51 + 0,13)
B = .156 ± .010
(3,96 ± 0,25)
TYPICAL
.012 ± .001
(0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
OPEN
12
3
45
6
7
8
LENGTH
± .010 (±0,25)
SEE ORDER INFO.
.380 ± .010
(9,65 ± 0,25)
.020 ± .002
(0,51 ± 0,05)
.090 ± .005
(2,29 ± 0,13)
.100 ± .005
(2,5 ± 0,13)
Rocker
PIANO-DIP®
For recessed rockers, delete .295 dimension.
Side Actuated PIANO-DIP®
Rocker and Recessed Rocker
SERIES 76
SPST Rocker
See also end view.
See also end view.
CIRCUITRY
Styles 76SB and 76RSB
Style 76PSB
Styles 76PRB
UP IS CLOSED (ON)
UP IS OPEN (OFF)
*A top tape seal is required for switches that are
machine soldered or heavily cleaned after hand
soldering. To order top seal versions, add "S" to
the Grayhill part number.
DIMENSIONS In inches (and millimeters)
Typical circuit diagram with actuator
in the closed position.
1
2
3
4
5
6
7
OPEN
LENGTH
± .010 (±0,25)
SEE ORDER INFO.
.380 ± .010
(9,65 ± 0,25)
.020 ± .002
(0,51 ± 0,05)
.090 ± .005
(2,29 ± 0,13)
.100 ± .005
(2,5 ± 0,13)
C
L
C
L
.012 ± .001
(0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
.020 + .005
–.000
(0,51 + 0,13)
.295 + .000
–.020
(7,49 –0,51)
A
.156 ± .010
(3,96 ± 0,25)
TYP.
A = .272 ± .010
(6,91 ± 0,25)
FEATURES
• Raised and Recessed, Rocker
and PIANO-DIP® Styles
• Sealed Base Standard
• Spring and Ball Contact
• Top Tape Seal Option
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
Actuator shown in the down position.
Actuator shown in the down position.
End Views
ORDERING INFORMATION
Series
Switch Style: SB = Raised Rocker
RSB = Recessed Rocker
PSB = Piano-DIP (Up is Off)
PRB = Piano-DIP (Up is On)
76RSB04ST
T = RoHS compliant
Sealed*: S = Tape Seal
Number of Positions: 02 through 10, 12
No. of Pos.
Length (Inches)
Length (Metric)
No./Tube
2
0.280"
7,1 mm
35
3
0.380"
9,7 mm
27
4
0.480"
12,2 mm
21
5
0.580"
14,7 mm
18
6
0.680"
17,3 mm
15
7
0.780"
19,8 mm
13
8
0.880"
22,4 mm
12
9
0.980"
24,9 mm
10
10
1.080"
27,4 mm
9
12
1.280"
32,5 mm
8
DIP
10
Thru-Hole DIP Switches


Similar Part No. - 76RPRB07ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76RSB04S ETC1-76RSB04S Datasheet
34Kb / 1P
Thru-Hole DIP Switches
logo
Grayhill, Inc
76RSB04ST GRAYHILL-76RSB04ST Datasheet
133Kb / 2P
Raised and Recessed, Rocker and PIANO-DIP Styles
76RSB04T GRAYHILL-76RSB04T Datasheet
133Kb / 2P
Raised and Recessed, Rocker and PIANO-DIP짰 Styles
76RSC02 GRAYHILL-76RSC02 Datasheet
55Kb / 2P
Thru-Hole DIP Switches
76RSC02T GRAYHILL-76RSC02T Datasheet
140Kb / 2P
Raised and Recessed Rocker and Toggle Actuated Styles
More results

Similar Description - 76RPRB07ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
Thru-Hole DIP Switches
logo
Grayhill, Inc
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
Thru-Hole DIP Switches
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
Thru-Hole DIP Switches
90B02ST GRAYHILL-90B02ST Datasheet
341Kb / 2P
Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
Thru-Hole DIP Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com