Electronic Components Datasheet Search
  English  ▼

X  

RHV Datasheet(PDF) 1 Page - VINATech Co.,Ltd.

Part # RHV
Description  High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINATECH [VINATech Co.,Ltd.]
Direct Link  https://www.vinatech.com/en/
Logo VINATECH - VINATech Co.,Ltd.

RHV Datasheet(HTML) 1 Page - VINATech Co.,Ltd.

  RHV Datasheet HTML 1Page - VINATech Co.,Ltd. RHV Datasheet HTML 2Page - VINATech Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Items
Characteristics
Temperature range
-55 to +105°C
Rated voltage range
16 to 50Vdc
Capacitance range
10 to 3,300µF
Capacitance tolerance
±20% [M] (at 20°C, 120Hz)
Tangent of loss angle
Less than or equal to the value of Standard Ratings (at 20°C, 120Hz)
Leakage current
Less than or equal to the value of Standard Ratings (at 20°C, after 2 minutes)
ESR
Less than or equal to the value of Standard Ratings
Characteristics of impedance
Z+105°C/Z+20°C ≤ 1.25, Z-55°C/Z+20°C ≤ 1.25 at 100kHz
Endurance
105°C, 5,000 hrs at rated voltage
Appearance
No significant damage
Capacitance change
Within±20% of the initial value
Tangent of loss angle (tanδ)
≤150% of the initial specified value
ESR(mΩ)
≤150% of the initial specified value
Leakage current
≤The initial specified value
Damp Heat (Steady State)
60°C, 90 to 95% RH, 1,000 hrs, No-applied Voltage
Appearance
No significant damage
Capacitance change
Within±20% of the initial value
Tangent of loss angle (tanδ)
≤150% of the initial specified value
ESR(mΩ)
≤150% of the initial specified value
Leakage current
≤The initial specified value
Resistance to soldering heat
Flow method (260±5°C, 10s)
Appearance
No significant damage
Capacitance change
Within±10% of the initial value
Tangent of loss angle (tanδ)
≤130% of the initial specified value
ESR(mΩ)
≤130% of the initial specified value
Leakage current
≤The initial specified value
Date Code
Series
Rated capacitance [㎌]
Rated voltage [V]
4A4
RHV
100
50V
µF
R V
(SV)
16
(18.4)
20
(23)
25
(28.7)
32
(36.8)
35
(40.2)
50
(57.5)
10
6.3×6
22
6.3×6
6.3×6
8×7
27
6.3×6
39
8×7
8×11.5
47
6.3×6
8×7
8×11.5
56
6.3×6
8×11.5
68
8×7
8×7
10×11.5
82
8×7
8×11.5
100
8×7
8×11.5
10×11.5
120
6.3×6
8×11.5
10×11.5
8×11.5
150
6.3×6
10×11.5
180
6.3×6
8×7
8×11.5
220
8×11.5
8×11.5
10×11.5
10×11.5
10×11.5
270
8×7
8×11.5
330
10×11.5
10×11.5
390
8×11.5
10×11.5
470
10×11.5
560
8×11.5
10×11.5
680
10×11.5
10×16
1000
10×11.5
10×16
1200
8×15
8×23
1500
10×11.5
1800
8×21
2200
10×16
10×23
3300
10×21
Size
ØD±0.5
L
L'
P±0.5
Ød
6.3×6
6.3
6.0
Lma×
2.5
0.45
8×7
8.0
7.0
3.5
0.45
8×11.5
8.0
11.5
L + 1.0 max.
3.5
0.60
10×11.5
10.0
11.5
5.0
0.60
8×15
8.0
15.0
3.5
0.60
10×16
10.0
16.0
5.0
0.60
8×21
8.0
21.0
3.5
0.60
10×21
10.0
21.0
5.0
0.60
8×23
8.0
23.0
3.5
0.60
10×23
10.0
23.0
5.0
0.60
Halogen
Less


Similar Part No. - RHV

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RHV2 RECOM-RHV2 Datasheet
1Mb / 5P
2 Watt SIP16 Single and Dual Output
RHV2-0505D/R20 RECOM-RHV2-0505D/R20 Datasheet
1Mb / 5P
2 Watt SIP16 Single and Dual Output
RHV2-0505D/R20 RECOM-RHV2-0505D/R20 Datasheet
1Mb / 5P
RHV2
RHV2-0505S RECOM-RHV2-0505S Datasheet
1Mb / 5P
RHV2
RHV2-0505S/R20 RECOM-RHV2-0505S/R20 Datasheet
1Mb / 5P
2 Watt SIP16 Single and Dual Output
More results

Similar Description - RHV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
10ZL470MEFC8X11.5 RUBYCON-10ZL470MEFC8X11.5 Datasheet
276Kb / 3P
105??High ripple current, Low impedance.
16ZL470MEFC8X16 RUBYCON-16ZL470MEFC8X16 Datasheet
276Kb / 3P
105??High ripple current, Low impedance.
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
50ZL100MEFC8X11.5 RUBYCON-50ZL100MEFC8X11.5 Datasheet
276Kb / 3P
105??High ripple current, Low impedance.
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
80ZLJ470M16X25 RUBYCON-80ZLJ470M16X25 Datasheet
251Kb / 3P
105??Miniaturized, Long Life, Low impedance, High ripple.
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
Low ESR, High Ripple Current
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com