Electronic Components Datasheet Search
  English  ▼

X  

DI1510 Datasheet(PDF) 1 Page - Multicomp Pro

Part # DI1510
Description  Single Phase Bridge Rectifier DI Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

DI1510 Datasheet(HTML) 1 Page - Multicomp Pro

  DI1510 Datasheet HTML 1Page - Multicomp Pro DI1510 Datasheet HTML 2Page - Multicomp Pro DI1510 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Phase Bridge Rectifier
DI Series
Page <1>
07/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• 1 A - 1.5 A dual in line
• Low leakage
• Surge overload rating - 30 - 50 Amperes peak
• Ideal for printed circuit board
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
Case
: Reliable low cost construction utilizing
moulded plastic technique results in
inexpensive product
Terminals
: Lead solderable per MIL-STD-202,
Method 208
Polarity
: Polarity symbols moulded or marking
on body
Mounting Position
: Any
Weight
: 0.02 oz, 0.4 g
Dimensions : Inches (Millimetres)
Maximum Ratings and Electrical Characteristics:
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For
capacitive load, derate current by 20%
DI152
DI106
DI1510
Unit
Maximum Recurrent Peak Reverse Voltage
200
600
1,000
V
Maximum RMS Bridge Input Voltage
140
420
700
Maximum DC Blocking Voltage
200
600
1,000
I2t Rating for Fusing (t <8.35 ms)
10
A2t
Maximum Forward Voltage Drop Per Bridge Element at 1 A
1.1
V
Maximum Reverse Current at Rated TJ = 25°C
DC Blocking Voltage Per Element TJ = 125°C
5
0.5
µA
mA
Typical Junction Capacitance Per leg (Note 1) CJ
25
pF
Typical Thermal Resistance Per leg (Note 2) R
θJA
Typical Thermal Resistance Per leg (Note 2) R
θJL
40
15
°C / W
Operating Temperature Range TJ
55 to +125
°C
Storage Temperature Range TA
-55 to +150
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4 V
2. Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.5 × 0.5 inches (13 × 13
mm) copper pads


Similar Part No. - DI1510

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI1510 PANJIT-DI1510 Datasheet
56Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
logo
Transys Electronics
DI1510 TRSYS-DI1510 Datasheet
154Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
DI1510 PANJIT-DI1510 Datasheet
47Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI1510 PANJIT-DI1510 Datasheet
62Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DI1510 ZSELEC-DI1510 Datasheet
118Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DI1510

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com