Electronic Components Datasheet Search
  English  ▼

X  

MP700296 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP700296
Description  Copper Foil Tapes with Conductive Adhesive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP700296 Datasheet(HTML) 1 Page - Multicomp Pro

  MP700296 Datasheet HTML 1Page - Multicomp Pro MP700296 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
30/06/20
Copper Foil Tapes with
Conductive Adhesive
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
This is coated with an acrylic adhesive which is uniformly dispersed with conductive spheres to provide a very low rate of
electrical resistance through the tape.
Applications
• This Copper Foil Tape is typically used as an EMI/RFI shielding tape for applications in the electronics industry such as
static charge draining, seaming shielded rooms, cable wrapping and surface contact to non-solderable materials (e.g.
aluminium or plastics).
Storage Conditions
Tape should be stored in a dry area at temperatures of 60°F (16°C) to 80°F (26°C).
MP700292
MP700298
Property
Characteristic
Foil thickness
1.4 mil
Adhesive
Acrylic (clear)
Tape Thickness without Liner
3.2 mil
Colour
Bright Copper
Peel Adhesion (1 min Dwell) (oz/in)
37
Peel Adhesion (24 hr Dwell) (oz/in)
59
Temperature Range
-40°F to 248°F
Tensile Strength (lb/in)
37
Elongation (%)
6
Surface Preparation
The surface to which the tape is applied should be dry, clean, and free of contaminates.
MP700294
MP700296


Similar Part No. - MP700296

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
TOSHIBA POWER MODULE
09-Jan-2001
logo
Multicomp Pro
MP700255 MULTICOMP-MP700255 Datasheet
147Kb / 1P
6 LED Pen Light
22/01/20 V1.0
More results

Similar Description - MP700296

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9882 3M-9882 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
3-6-1125 3M-3-6-1125 Datasheet
91Kb / 2P
Copper Foil with Acrylic Adhesive
80011181049 3M-80011181049 Datasheet
20Kb / 3P
1181 Tape Copper Foil with Conductive Adhesive
Jan-2000
1170 3M-1170 Datasheet
107Kb / 2P
Aluminum Foil with Conductive Adhesive
Apr-2010
1181 3M-1181 Datasheet
107Kb / 2P
Copper Foil with Conductive Adhesive
Apr-2010
8805 3M-8805 Datasheet
175Kb / 7P
Thermally Conductive Adhesive Transfer Tapes
Jul-2015
1183 3M-1183 Datasheet
66Kb / 2P
Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
Rev C
1194 3M-1194 Datasheet
21Kb / 2P
Copper Foil with Nonconductive Adhesive
1998
AL-25BT 3M-AL-25BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2003
AL-50BT 3M-AL-50BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com