Electronic Components Datasheet Search
  English  ▼

X  

RT314005 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # RT314005
Description  General Purpose Relays PCB Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT314005 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  RT314005 Datasheet HTML 1Page - TE Connectivity Ltd RT314005 Datasheet HTML 2Page - TE Connectivity Ltd RT314005 Datasheet HTML 3Page - TE Connectivity Ltd RT314005 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
01-2020, Rev. 0120
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 (Continued)
Product code
Version
Contacts
Contact material
Coil
Version
Part number
RT114009
12A,
1 form C (CO)
AgNi 90/10
9VDC
Standard
1393239-9
RT114012
pinning 3.5mm,
1 form C (CO)
12VDC
1419108-1
RT114012WG
flux proof
1 form C (CO)
12VDC
IEC60335-1 compliant
7-1415538-6
RT114024
1 form C (CO)
24VDC
Standard
1-1393239-3
RT114024WG
1 form C (CO)
24VDC
IEC60335-1 compliant
1415539-4
RT114730
1 form C (CO)
230VAC
Standard
1-1393239-9
RT115024
1 form C (CO)
AgNi 90/10 gold pl.
24VDC
2-1393239-1
RT134012
1 form A (NO)
AgNi 90/10
12VDC
2-1393239-6
RT134024
1 form A (NO)
24VDC
3-1393239-0
RT214012
12A,
1 form C (CO)
12VDC
5-1393239-4
RT214024
pinning 5mm,
1 form C (CO)
24VDC
5-1393239-5
RT214524
flux proof
1 form C (CO)
24VAC
5-1393239-9
RT214730
1 form C (CO)
230VAC
1419108-6
RT314005
16A,
1 form C (CO)
5VDC
9-1393239-1
RT314006
pinning 5mm,
1 form C (CO)
6VDC
9-1393239-3
RT314009
flux proof
1 form C (CO)
9VDC
9-1393239-4
RT314012
1 form C (CO)
12VDC
9-1393239-5
RT314012R
1 form C (CO)
12VDC
Reflow solderable
4-1415543-6
RT314012WG
1 form C (CO)
12VDC
IEC60335-1 compliant
8-1415535-6
RT314018
1 form C (CO)
18VDC
Standard
9-1393239-7
RT314024
1 form C (CO)
24VDC
9-1393239-8
RT314024WG
1 form C (CO)
24VDC
IEC60335-1 compliant
1415538-7
RT314048
1 form C (CO)
48VDC
Standard
1393240-1
RT314060
1 form C (CO)
60VDC
1-1649328-7
RT314110
1 form C (CO)
110VDC
1393240-3
RT314524
1 form C (CO)
24VAC
1393240-4
RT314548
1 form C (CO)
48VAC
1393240-5
RT314615
1 form C (CO)
115VAC
1393240-6
RT314730
1 form C (CO)
230VAC
1393240-7
RT314730WG
1 form C (CO)
230VAC
IEC60335-1 compliant
4-1415538-0
RT315024
1 form C (CO)
AgNi 90/10 gold pl.
24VDC
Standard
1-1393240-4
RT334009WG
1 form A (NO)
AgNi 90/10
9VDC
IEC60335-1 compliant
3-1415538-1
RT334012
1 form A (NO)
12VDC
Standard
4-1393240-5
RT334012WG
1 form A (NO)
12VDC
IEC60335-1 compliant
1-1415527-1
RT334024
1 form A (NO)
24VDC
Standard
4-1393240-8
RT334048
1 form A (NO)
48VDC
5-1393240-0
RTB14005
12A,
1 form C (CO)
5VDC
1-1393238-2
RTB14012
pinning 3.5mm,
1 form C (CO)
12VDC
1-1393238-5
RTB14024
wash tight
1 form C (CO)
24VDC
1-1393238-9
RTB14524
1 form C (CO)
24VAC
2-1393238-4
RTB34012
1 form A (NO)
12VDC
3-1393238-0
RTD14005
16A,
1 form C (CO)
5VDC
5-1393238-9
RTD14012
pinning 5mm,
1 form C (CO)
12VDC
6-1393238-2
RTD14024
wash tight
1 form C (CO)
24VDC
6-1393238-8
RTD14048
1 form C (CO)
48VDC
6-1393238-9
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com