Electronic Components Datasheet Search
  English  ▼

X  

TPS54328 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54328
Description  TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode™
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54328 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54328 Datasheet HTML 9Page - Texas Instruments TPS54328 Datasheet HTML 10Page - Texas Instruments TPS54328 Datasheet HTML 11Page - Texas Instruments TPS54328 Datasheet HTML 12Page - Texas Instruments TPS54328 Datasheet HTML 13Page - Texas Instruments TPS54328 Datasheet HTML 14Page - Texas Instruments TPS54328 Datasheet HTML 15Page - Texas Instruments TPS54328 Datasheet HTML 16Page - Texas Instruments TPS54328 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
EN = 10 V / div
SS = 5 V / div
V = 500 mV / div
O
Time = 2 msec / div
V = 50 mV / div (-950 mV dc offset)
O
I = 1 A / div (0.75 to 2.25 A load step,
slew rate = 1 A / µsec)
O
Time = 50 µsec / div
IN
OUT
OUT
=
Co(RMS)
IN
O
SW
V
x (V
- V
)
12 x V
x L
x
I
f
13
TPS54328
www.ti.com
SLVSAN2D – NOVEMBER 2010 – REVISED AUGUST 2016
Product Folder Links: TPS54328
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
For this design example, the calculated peak current is 3.49 A and the calculated RMS current is 3.01 A. The
inductor used is a TDK SPM6530-1R5M100 with a peak current rating of 11.5 A and an RMS current rating of
11 A.
The capacitor value and ESR determines the amount of output voltage ripple. The TPS54328 is intended for use
with ceramic or other low ESR capacitors. Recommended values range from 22 µF to 68 µF. Use Equation 8 to
determine the required RMS current rating for the output capacitor.
(8)
For this design two TDK C3216X5R0J226M 22µF output capacitors are used. The typical ESR is 2 mΩ each.
The calculated RMS current is 0.271 A and each output capacitor is rated for 4 A.
8.2.2.3 Input Capacitor Selection
The TPS54328 requires an input decoupling capacitor and a bulk capacitor is required depending on the
application. TI recommends a ceramic capacitor over 10 µF for the decoupling capacitor. TI recommends an
additional 0.1-µF capacitor from VIN to ground to improve the stability of the over-current limit function. The
capacitor voltage rating requires to be greater than the maximum input voltage.
8.2.2.4 Bootstrap Capacitor Selection
A 0.1-µF ceramic capacitor must be connected between the VBST and SW pin for proper operation. TI
recommends using a ceramic capacitor.
8.2.2.5 VREG5 Capacitor Selection
A 1-µF ceramic capacitor must be connected between the VREG5 and GND pins for proper operation. TI
recommends using a ceramic capacitor.
8.2.3 Application Curves
Figure 7. 1.05 V, Load Transient Response
Figure 8. Start-up Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com