Electronic Components Datasheet Search
  English  ▼

X  

TPS54526PWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS54526PWPR
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS54526PWPR Datasheet HTML 26Page - Texas Instruments TPS54526PWPR Datasheet HTML 27Page - Texas Instruments TPS54526PWPR Datasheet HTML 28Page - Texas Instruments TPS54526PWPR Datasheet HTML 29Page - Texas Instruments TPS54526PWPR Datasheet HTML 30Page - Texas Instruments TPS54526PWPR Datasheet HTML 31Page - Texas Instruments TPS54526PWPR Datasheet HTML 32Page - Texas Instruments TPS54526PWPR Datasheet HTML 33Page - Texas Instruments TPS54526PWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
16X (0.31)
16X (0.6)
(
0.2) TYP
VIA
12X (0.65)
(3.8)
(3.8)
(1.1)
(
2.7)
(R0.05) TYP
(1.1)
VQFN - 1 mm max height
RSA0016B
PLASTIC QUAD FLATPACK - NO LEAD
4219093/A 08/2021
SYMM
1
4
5
8
9
12
13
16
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:18X
17
NOTES: (continued)
5. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
6. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com