Electronic Components Datasheet Search
  English  ▼

X  

1982981 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1982981
Description  Base strip - MSTBA 2,5/ 3-G THT-R32 - 1982981
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1982981 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1982981 Datasheet HTML 1Page - PHOENIX CONTACT 1982981 Datasheet HTML 2Page - PHOENIX CONTACT 1982981 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1982981
08/07/2017   Page 1 / 3
Base strip - MSTBA 2,5/ 3-G THT-R32 - 1982981
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, nominal current: 12 A, number of positions: 3, pitch: 5 mm, Color: black, contact surface: Tin
Why buy this product
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Well-known mounting principle allows worldwide use
 Closed contour for optimum stability of the plug-in connection
Key Commercial Data
Packing unit
1
GTIN
GTIN
4017918958725
Custom tariff number
85366930
Technical data
Dimensions
Pitch
5 mm
Dimension a
10.00 mm
Constructional height
9 mm
Length of the solder pin
2.9 mm
General
Range of articles
MSTBA 2,5/..-G-THT
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
black
Number of positions
3
Standards and Regulations
Connection in acc. with standard
EN-VDE
CUL


Similar Part No. - 1982981

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1982980000 WEIDMULLER-1982980000 Datasheet
638Kb / 9P
BLF 5.08HC/11/270F SN OR BX
More results

Similar Description - 1982981

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1902783 PHOENIX-1902783 Datasheet
128Kb / 5P
Base strip - MSTBA 2,5/ 6-G-5,08 THT
1927506 PHOENIX-1927506 Datasheet
137Kb / 5P
Base strip - MSTBA 2,5/ 3-G THT
1927522 PHOENIX-1927522 Datasheet
137Kb / 5P
Base strip - MSTBA 2,5/ 5-G THT
1937237 PHOENIX-1937237 Datasheet
105Kb / 5P
Base strip - MSTBA 2,5/ 2-G-5,08 THT-R32
1937240 PHOENIX-1937240 Datasheet
105Kb / 5P
Base strip - MSTBA 2,5/ 3-G-5,08 THT-R32
1937253 PHOENIX-1937253 Datasheet
162Kb / 3P
MSTBA 2,5/ 4-G-5,08 THT-R32
1937279 PHOENIX-1937279 Datasheet
109Kb / 5P
Base strip - MSTBA 2,5/ 6-G-5,08 THT-R56
1937295 PHOENIX-1937295 Datasheet
108Kb / 5P
Base strip - MSTBA 2,5/ 8-G-5,08 THT-R56
1927548 PHOENIX-1927548 Datasheet
137Kb / 5P
Base strip - MSTBA 2,5/ 7-G THT
1937282 PHOENIX-1937282 Datasheet
106Kb / 5P
Base strip - MSTBA 2,5/ 7-G-5,08 THT-R56
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com