Electronic Components Datasheet Search
  English  ▼

X  

ISAAC 4 Datasheet(PDF) 2 Page - RAYTECH S.r.l.

Part # ISAAC 4
Description  Gel Box Line a simple way to bring indoor connectors outdoors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTECH [RAYTECH S.r.l.]
Direct Link  https://www.raytech.it/
Logo RAYTECH - RAYTECH S.r.l.

ISAAC 4 Datasheet(HTML) 2 Page - RAYTECH S.r.l.

  ISAAC 4 Datasheet HTML 1Page - RAYTECH S.r.l. ISAAC 4 Datasheet HTML 2Page - RAYTECH S.r.l. ISAAC 4 Datasheet HTML 3Page - RAYTECH S.r.l. ISAAC 4 Datasheet HTML 4Page - RAYTECH S.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• To put household systems in order
• For civil and industrial connections
• Also for submerged use
• Non-toxic and with no shelf life
• Versatile and ready to use
• Designed with dimensions
suitable for the most
commonly used connectors
Fully submersible
Can be used underground
Gel: UL 94-HB
Degree of protection: IPX8
Operating
temperature
Installation temperature:
-40°C / +50°C
90°
Product
Description
Package
Internal dimensions (mm)
Pascal 6
x 2 pieces
Blister
A x B x C
38 x 30 x 26
Pascal 6 P15
x 15 pieces
Box
Pascal 6 MP *
x 25 pieces
Multipack
Pascal
A
B
C
Product
Description
Package
Internal dimensions (mm)
Isaac 4
x 4 pieces
Blister
A x B x C
30 x 24 x 23
Isaac 4 P30
x 30 pieces
Box
Isaac 4 MP *
x 50 pieces
Multipack
Isaac
A
B
C
max 2 wires
max 2.5 mm2
max 3 wires
max 4 mm2
max 2 wires
max 2.5 mm2
max 5 wires
max 4 mm2
max 3 wires
max 2.5 mm2
max 3 wires
max 2.5 mm2
max 5 wires
max 2.5 mm2
max 3 wires
max 1.5 mm2
max 3 wires
max 6 mm2
max 3 wires
max 6 mm2
max 3 wires
max 6 mm2
max 3 wires
max 2.5 mm2
GELBOXLINE
a simple way to
bring indoor
connectors
outdoors
* Also available the flame retardant version in the following colours: yellow, orange, blue or black
* Also available the flame retardant version in the following colours: yellow, orange, blue or black
ACCESSORIES
PRE-FILLED WITH GEL
for free connections
Gel Box Line



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com