Electronic Components Datasheet Search
  English  ▼

X  

1980 Datasheet(PDF) 2 Page - Berker GmbH & Co. KG

Part # 1980
Description  Fastening the inserts use fiat headed screws of size M3 / up to M3.5 max.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERKER [Berker GmbH & Co. KG]
Direct Link  https://www.berker.com/
Logo BERKER - Berker GmbH & Co. KG

1980 Datasheet(HTML) 2 Page - Berker GmbH & Co. KG

  1980 Datasheet HTML 1Page - Berker GmbH & Co. KG 1980 Datasheet HTML 2Page - Berker GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Berker Part No.
Technical details
09-1827-25-09 – Frame 1 gang
•
Polar white, glossy
09-1826-25-19 – Frame 2 gang
•
For vertical and horizontal mounting
09-3651-25-09 – Rocker switch
•
Polar white, glossy, off
•
16AX 250V
•
Suitable for all Berker Integro wall boxes
09-4185-25-02 –
SCHUKO socket outlet
•
Suitable for all Berker Integro wall boxes
•
Connection terminals IEC 60884-1 DIN
49440
•
With screw terminals
09-6262-25-02 –
British standard socket outlet
•
13A, 250V
•
Suitable for all Berker Integro wall boxes
•
Standard BS 1363
•
2 pole and earth
•
With screw terminals
09-4570-25-05 –
Motor vehicle power socket outlet
•
6-24V, 20A at 2.5mm², 15A at 1.5mm²
•
Not suitable for wall boxes
•
With flat plug connection
1980 – Mini jack 8 pole
•
Black, RJ45, cat.3 ISDN-compatible
•
Protective screen DIN EN 55022 class B
•
Colour code A and B EIA/TIA 568A
•
With insulation piercing terminals
09-1828-25-99 –
Frame with hinged cover and IP44
imprint
•
Protection class IP44 only guaranteed
when used with seal 09-1853
•
For the cover on socket outlets
09-1853 – Seal
•
For rocker switches and push buttons
•
For SCHUKO socket outlets and socket
outlets with earth pin
•
Use with 09-1828-25-99 for IP44
protection
19820 – Wall box 45mm Ø
•
Grey with cable clamp
•
Insertion depth 35.5mm
•
Flame resistant according to VDE 0606-1
•
For switches and socket outlets
•
With 4 line entries
•
3 knockout openings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com