Electronic Components Datasheet Search
  English  ▼

X  

TPS60151DRVT Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS60151DRVT
Description  TPS60151 5-V and 140-mA Charge Pump
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS60151DRVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS60151DRVT Datasheet HTML 22Page - Texas Instruments TPS60151DRVT Datasheet HTML 23Page - Texas Instruments TPS60151DRVT Datasheet HTML 24Page - Texas Instruments TPS60151DRVT Datasheet HTML 25Page - Texas Instruments TPS60151DRVT Datasheet HTML 26Page - Texas Instruments TPS60151DRVT Datasheet HTML 27Page - Texas Instruments TPS60151DRVT Datasheet HTML 28Page - Texas Instruments TPS60151DRVT Datasheet HTML 29Page - Texas Instruments TPS60151DRVT Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
6X (0.3)
6X (0.45)
4X (0.65)
(0.7)
(1)
(1.95)
(R0.05) TYP
(0.45)
WSON - 0.8 mm max height
DRV0006D
PLASTIC SMALL OUTLINE - NO LEAD
4225563/A 12/2019
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD #7
88% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:30X
SYMM
1
3
4
6
SYMM
METAL
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com