Electronic Components Datasheet Search
  English  ▼

X  

TPS62205DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62205DBVT
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62205DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS62205DBVT Datasheet HTML 1Page - Texas Instruments TPS62205DBVT Datasheet HTML 2Page - Texas Instruments TPS62205DBVT Datasheet HTML 3Page - Texas Instruments TPS62205DBVT Datasheet HTML 4Page - Texas Instruments TPS62205DBVT Datasheet HTML 5Page - Texas Instruments TPS62205DBVT Datasheet HTML 6Page - Texas Instruments TPS62205DBVT Datasheet HTML 7Page - Texas Instruments TPS62205DBVT Datasheet HTML 8Page - Texas Instruments TPS62205DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
SLVS417F – MARCH 2002 – REVISED JUNE 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Supply voltage
2.5
6.0
V
VO
Output voltage for adjustable output voltage version
0.7
VI
V
IO
Output current
300
mA
L
Inductor(1)
4.7
10
µH
CI
Input capacitor(1)
4.7
µF
CO
Output capacitor(1)
10
µF
TA
Operating ambient temperature
40
85
°C
TJ
Operating junction temperature
40
125
°C
(1)
See Application and Implementation for further information.
6.4 Thermal Information
TPS6220x
THERMAL METRIC(1)
DBV [SOT-23]
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
220
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
125
°C/W
RθJB
Junction-to-board thermal resistance
36
°C/W
ψJT
Junction-to-top characterization parameter
14
°C/W
ψJB
Junction-to-board characterization parameter
35
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com