Electronic Components Datasheet Search
  English  ▼

X  

75117-0118.. Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75117-0118..
Description  VHDM Backplane Connector Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75117-0118.. Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75117-0118.. Datasheet HTML 1Page - Molex Electronics Ltd. 75117-0118.. Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/10/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0751170118
Status:
Active
Overview:
VHDM Backplane Connector Systems
Description:
VHDM Single-Ended Board-to-Board Stacker Receptacle, 18mm Stack Height, 2.00mm
Pitch, Vertical, 8 Rows, 80 Circuits, 0.76µm Gold (Au)
Documents:
3D Model
Packaging Specification PK-70873-0750 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-74031-999-001 (PDF)
General
Product Family
Backplane Connectors
Series
75117
Application
Board-to-Board Mezzanine
Application Tooling Documents
TM-622010999
Comments
Stack Height 18.00mm, Lead-Free
Component Type
PCB Receptacle
Overview
VHDM Backplane Connector Systems
Product Name
VHDM
UPC
756054905852
Physical
Circuits (Loaded)
80
Circuits (maximum)
80
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Copper-Nickel-Silicon, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Matte Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
13.060/g
Number of Columns
10
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Vertical
PC Tail Length
2.85mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.80mm
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
1.00mm
Plating min - Mating
0.762µm
Plating min - Termination
0.762µm
Polarized to PCB
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55° to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
3.0A
Data Rate
3.125 Gbps
Voltage - Maximum
120V AC (RMS)/DC
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
75117 Series
Mates With
74060 VHDM Board-to-Board Backplane
Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Single Wafer
Removal Tool, 8-
Row
0622021450


Similar Part No. - 75117-0118..

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75117-0118 MOLEX-75117-0118 Datasheet
100Kb / 2P
2.00 by 2.25mm (.079 by.089?? Pitch VHDM Stacking System
75117-0118 MOLEX9-75117-0118 Datasheet
504Kb / 4P
2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 80 Circuits, 0.76關m (30關) Gold (Au)
More results

Similar Description - 75117-0118..

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0746492601 MOLEX8-0746492601 Datasheet
360Kb / 4P
2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header
0746501004 MOLEX8-0746501004 Datasheet
455Kb / 4P
2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header
logo
Amphenol Corporation
495-5110-044 AMPHENOL-495-5110-044 Datasheet
881Kb / 4P
GUIDANCE/POLARIZING MODULE 8 ROW VHDM BACKPLANE (LEFT)
logo
Molex Electronics Ltd.
62201-6010 MOLEX-62201-6010 Datasheet
275Kb / 8P
VHDM짰 and VHDM-HSD??Backplane Header Shield Extraction Tool Specification Sheet
3-15-10
62201-6000 MOLEX-62201-6000 Datasheet
270Kb / 12P
VHDM짰 and VHDM-HSD??Backplane Header Shield Extraction Tool Specification Sheet
3-15-10
62202-0216 MOLEX-62202-0216 Datasheet
136Kb / 5P
*VHDM-HSD??Backplane Signal Insertion Module Application Tooling Specification *VHDM-HSD??Backplane Signal Insertion Module Application Tooling Specification Press-In ToolPress-In Tool
06-30-08
logo
Samtec, Inc
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
EBCM SAMTEC-EBCM Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 30SEP21
EBTF SAMTEC-EBTF Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 27JAN22
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com