Electronic Components Datasheet Search
  English  ▼

X  

1123000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1123000000
Description  Unique multi-voltage input from 24 to 230 V UC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1123000000 Datasheet(HTML) 4 Page - Weidmuller

  1123000000 Datasheet HTML 1Page - Weidmuller 1123000000 Datasheet HTML 2Page - Weidmuller 1123000000 Datasheet HTML 3Page - Weidmuller 1123000000 Datasheet HTML 4Page - Weidmuller 1123000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
TRS 24VDC 1CO AU
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Drawings
 
Wiring diagram
 
Graph
DC load limit curve Resistive load 
Graph
Electrical service life230 V AC
resistive load 230 V AC resistive load 
Dimensional drawing
 
 
Creation date 29.11.2025 03:56:27 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com