Electronic Components Datasheet Search
  English  ▼

X  

SE011 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # SE011
Description  PT-104 Data Logger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE011 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  SE011 Datasheet HTML 1Page - Pico Technology Ltd. SE011 Datasheet HTML 2Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* Dollar and euro prices were correct at the time of printing.
For latest prices see our website or contact us at the address below.
ORDER CODES and PRICES
CODE DESCRIPTION
GBP
USD* EUR*
PP682 PT-104 Data Logger
399.00 658.35 482.79
PP660 Screw Terminal Adapter
6.00
9.90
7.02
SE011
PT-100 Temperature Sensor
23.00
37.95
27.83
Specifications
Screw-terminal adapter
USB PT-104 PRT Data Logger
PicoLog
PicoLog is a powerful and flexible data acquisition program
designed for collecting, analyzing and displaying data over long or
short periods of time. Data can be viewed both during and after
data collection in spreadsheet or graphical format. If required, the
data can also be easily exported to other applications.
Software drivers
For users who wish to write their own software or use our products
with third-party software, we provide, free of charge, a range of
software drivers and examples. Drivers are included for Windows
XP (SP2), Vista and Windows 7. Programming examples are
supplied for C, LabVIEW and Excel.
Pico Technology
James House
Colmworth Business Park
St Neots
Cambridgeshire PE19 8YP
T: +44 (0) 1480 396 395
F: +44 (0) 1480 396 296
E: sales@picotech.com
MM000-1
Copyright © 2010 Pico Technology Ltd.
www.picotech.com
Flexible: Measures temperatures with
either PT100 or PT1000 sensors, as well
as resistance and voltage.
Adaptable: Can measure and record
temperatures ranging from –200 °C to
+800 °C.
Stable: Instead of voltage references,
which tend to drift with temperature, the PT-104 uses high-precision
reference resistors.
Expandable: Up to 20 units can be
used simultaneously on one PC.
Portable: The PT-104 obtains its
power from either the USB port or
Power-over-Ethernet (PoE), so no
additional power cable is needed.
PRTs
Temperature
Resistance
Voltage
Sensor
PT100, PT1000
N/A
N/A
Range
-200 to +800 °C
0 to 375 Ω
0 to 10 kΩ
0 to 115 mV
0 to 2.5 V
Linearity
20 ppm
20 ppm
20 ppm
Accuracy at 25 °C
0.01 °C
20 ppm
0.2% (2.5 V)
Temp. coefficient
5 ppm/°C
5 ppm/°C
100 ppm/°C
RMS noise with filter
0.01 °C
10 ppm
10 ppm
Resolution
0.001 °C
1 μΩ
0.156 μV
Overload protection
±30 V
Number of inputs
4
Converter resolution
24 bits
Conversion time
720 ms per channel
Input connectors
4-pin mini DIN
Input impedance
>> 1 MΩ
Output connectors
USB & Ethernet
Power supply
USB or Ethernet
Temperature range
20 °C to 30 °C for stated accuracy
0 °C to 70 °C operating
-20 °C to +80 °C storage
Humidity range
20% to 90% RH, non-condensing, operating
5% to 95% RH, non-condensing, storage
Dimensions
184 x 135 x 36 mm
(5.31 x 7.24 x 1.42 in.)
In addition to the monitor view, PicoLog can also display a
graph, a spreadsheet and user notes. It can display them all
at once, as shown here, or individually in any combination.
Pico Technology offers a range of platinum resistance thermometers
(PRTs) for use with the PT-104. The PT-104 is compatible with
all standard PT100 and PT1000 PRTs, which offer high accuracy,
resolution and stability. All our probes have a stainless steel body
and a 1 m long cable.
For full information on PRT specifications, characteristics and prices,
go to :
accessories.picotech.com
and click “Sensors”.
Connects discrete wires to the PT-104 without soldering. Suitable for
wire-ended sensors and custom circuits.
SE011
General-purpose probe
Many other types available!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com