Electronic Components Datasheet Search
  English  ▼

X  

KA827 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # KA827
Description  PT-104 Data Logger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

KA827 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  KA827 Datasheet HTML 1Page - Pico Technology Ltd. KA827 Datasheet HTML 2Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.picotech.com
• Measures and records up to 4 platinum resistance thermometers
• Works with PT100 and PT1000 sensors
• Supports 2, 3 and 4-wire sensors
• Measures voltage and resistance
• 24-bit ADC
• Uses calibrated reference resistors for stability
• Supplied with PicoLog data logging software
• USB interface ensures easy installation
• Ethernet interface for remote operation
• Powered by USB port or Power-over-Ethernet (PoE)
• Multiple units can be run on a single PC
PT-104 Data Logger
Temperature, Resistance, Voltage
The ultimate in resolution and accuracy
0.001 °C
0.01 °C


Similar Part No. - KA827

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
KA821 PICO-KA821 Datasheet
103Kb / 2P
Thermocouples
More results

Similar Description - KA827

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34832A HP-34832A Datasheet
331Kb / 4P
BenchLink Data Logger Pro
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
THERMOCOUPLE DATA LOGGER
logo
TT Electronics.
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
Schneider Electric
EBX210 SCHNEIDER-EBX210 Datasheet
95Kb / 2P
ComX 210 - data logger - UL
May 21, 2020
logo
Pico Technology Ltd.
ADC-20 PICO-ADC-20 Datasheet
5Mb / 9P
High-resolution data logger
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
logo
Vaisala
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
QML201C VAISALA-QML201C Datasheet
420Kb / 2P
Data Logger QML201C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com