Electronic Components Datasheet Search
  English  ▼

X  

SR-330 Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # SR-330
Description  All Purpose Snip (165mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

SR-330 Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  SR-330 Datasheet HTML 1Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P1 / 1
Prokit’s Industries CO., LTD.
5F, No.7, Lane 130,
Ming-Chung Rd., Hsin-Tien Dist,
New Taipei City, Taiwan, R.O.C. Post code: 23114
Tel: 886-2-2218-3233; Fax: 886-2-2218-2722
http://www.prokits.com.tw Email: pksales@mail.prokits.com.tw
PRODUCT SPECIFICATION
SR-330
All Purpose Snip (165mm)
*** Picture for reference only. All specifications are subject to change by supplier. ***
Specifications:
Pieces
N.W.
(Kg)
G.W.
(Kg)
Measurement
CUFT
L(cm)
W(cm)
H(cm)
Individual Packing
1
-
0.085
23
8.5
1.6
-
Inner Box
10
0.85
0.92
23
15.5
9.8
0.12
CTN
100
8.5
10
32.5
25
52
1.49
Individual Packing
Packing: Blister Card
**Remark: Pro’skit Brand**
~ THE END ~


Similar Part No. - SR-330

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
SR-336 PROSKITINDUSTRIES-SR-336 Datasheet
266Kb / 4P
PK-1700NA Electronic Master Kit (with NEMA plug)
SR-336 PROSKITINDUSTRIES-SR-336 Datasheet
1Mb / 2P
PK-710KA Basic Electronic Tool Kit (with 110V soldering iron)
More results

Similar Description - SR-330

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0402FR-07392RL YAGEO-RC0402FR-07392RL Datasheet
402Kb / 9P
All general purpose application
logo
Laird Tech Smart Techno...
ALLPMT LSTD-ALLPMT Datasheet
283Kb / 1P
ALL-PURPOSE MOUNT KIT
logo
Hotchip Technology Co.,...
HT3582DA HOTCHIP-HT3582DA Datasheet
296Kb / 6P
All-purpose charger
logo
3M Electronics
DT8 3M-DT8 Datasheet
103Kb / 2P
All Purpose Duct Tape DT8
Feb-2019
logo
Greystone Energy System...
PS-HATXAP GREYSTONE-PS-HATXAP Datasheet
319Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
PS-TNAP GREYSTONE-PS-TNAP Datasheet
318Kb / 2P
ALL PURPOSE NETWORK TEMPERATURE SENSOR
TDAP GREYSTONE-TDAP Datasheet
236Kb / 2P
ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
01/20
THAP GREYSTONE-THAP Datasheet
286Kb / 2P
ALL PURPOSE HIGH LIMIT THERMOSTAT
TNAP GREYSTONE-TNAP Datasheet
318Kb / 2P
ALL PURPOSE NETWORK TEMPERATURE SENSOR
TXAP GREYSTONE-TXAP Datasheet
322Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE TRANSMITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com