Electronic Components Datasheet Search
  English  ▼

X  

YP8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # YP8
Description  High Power Capacitor Discharge Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

YP8 Datasheet(HTML) 1 Page - Tyco Electronics

  YP8 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Power Capacitor Discharge Resistors
Type YP Series
Literature No. 1773300
Issued: 04-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Key Features
I Flameproof Silicone Coating
I Stainless Steel Mounting
Terminals for Direct Mounting
on Capacitors
I Premium Quality Resistive
Wires
I Attractively Priced
I Custom Designs Possible
I Innovative Design
Type YP Series
The YP series resistors are coated with
multilayer silicone to give an excellent
protection to the resistance wire at
temperatures from -55°C to 350°C. The
terminals are designed for quick and
easy mounting on capacitors and have
a mounting pitch of 22.2 and 31.8 mm.
These are wirewound ceramic core
resistors
designed
for
voltage
balancing
of
series
connected
aluminium
electrolytic
capacitors.
These resistors are also suitable for
capacitor voltage discharge safety
applications in high voltage circuits.
Ideally suited for industrial grade
capacitors.
Dimensions
Characteristics -
Electrical
Resistance Values:
2K, 10K, 18K, 27K, 47K. Other values on request and to order
Resistance Tolerance:
±5%
Temperature Coefficient:
±30 ppm/°C (typ.), ±100 ppm/°C (maximum)
Maximum Voltage:
825V dc or ac(rms) for YP10, 570V for YP8
Derating:
Derated linearly to zero at 350°C
Power Rating:
10W @ 70°C for YP10 and 8W @ 70°C for YP8
Stability:
70°C, 1000hr - R/R @ 100% load <±5%
Standard:
Performance as per BS - CECC 40201-002
Marking:
Type, Resistance value, Tolerance
Dimensions
A ±1mm
B max.
C ±1mm
D ±1mm
E ±1mm
YP8
22.2
40
15
21
9.5
YP10
31.8
50
15
21
9.5
YP
8
18K
J
Common Part
8 - 8 Watts
10 -10 Watts
Power Rating
2K (2000 ohms) 2K0
10K (10000 ohms) 10K
18K (18000 ohms) 18K
27K (27000 ohms) 27K
47K (47000 ohms) 47K
Resistance Value
Tolerance
YP - Capacitor
Discharge Resistor
J - ±5%
K - ±10%
How to Order


Similar Part No. - YP8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
YP8 MACOM-YP8 Datasheet
382Kb / 1P
High Power Capacitor Discharge Resisotrs
More results

Similar Description - YP8

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066E9900S001 EPCOS-B44066E9900S001 Datasheet
75Kb / 2P
Power Capacitor Accessories Discharge Reactor
logo
Ohmite Mfg. Co.
GW10K5K00E OHMITE-GW10K5K00E Datasheet
133Kb / 1P
Capacitor Discharge & Symmetry
logo
IXYS Corporation
IXGH25N250 IXYS-IXGH25N250 Datasheet
180Kb / 5P
High Voltage IGBT For Capacitor Discharge Applications
logo
Tyco Electronics
YP8 MACOM-YP8 Datasheet
382Kb / 1P
High Power Capacitor Discharge Resisotrs
logo
IXYS Corporation
IXGF25N250 IXYS-IXGF25N250 Datasheet
228Kb / 5P
High Voltage IGBT For Capacitor Discharge Applications
IXGF30N400 IXYS-IXGF30N400 Datasheet
199Kb / 5P
High Voltage IGBT For Capacitor Discharge Applications
IXGF25N300 IXYS-IXGF25N300 Datasheet
119Kb / 2P
High Voltage IGBT For Capacitor Discharge Applications
logo
TT Electronics.
CDR TTELEC-CDR_17 Datasheet
346Kb / 3P
Capacitor Discharge Resistors
logo
Ohmite Mfg. Co.
GSERIES OHMITE-GSERIES Datasheet
317Kb / 2P
Capacitor Discharge
logo
IXYS Corporation
IXGF20N250 IXYS-IXGF20N250 Datasheet
200Kb / 5P
High Voltage IGBT For Capacitor Discharge Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com