Electronic Components Datasheet Search
  English  ▼

X  

KX14 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # KX14
Description  0.8mm (.031") Contact Spacing, PCB-to-PCB SMT Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KX14 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  KX14 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KX14 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KX14 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KX14 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KX14 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions in mm (inches).
A ± 0.1 (.004)
C ± 0.2 (.008)
B ± 0.1 (.004)
D ± 0.3 (.012)
0.25
(.010)
0.7
(.028)
0.7
(.028)
0.8 (.031) ± 0.05 (.002)
(pitch)
0.7 (.028)
± 0.1 (.004)
0.7 (.028)
± 0.1 (.004)
5 (.197)
± 0.15 (.006)
0.58 (.023) DIA.
± 0.03 (.001)
0.78 (.031) DIA.
± 0.03 (.001)
Lot No.
Note 1:
– Add stacking height code 2, 5, 8, 11 or 14.
* – Add mounting type code B, C, D, E or F.
+ – Add contact finish code 1 or blank.
Refer to Mounting and Stacking Height Tables.
Note 2: Please consult JAE for availability.
7.2 ( .283)
8.7 ( .342)
12.3 ( .484)
16 ( .630)
11.2 ( .441)
12.7 ( .500)
16.3 ( .642)
20 ( .787)
15.2 ( .598)
16.7 ( .657)
20.3 ( .799)
24 ( .945)
19.2 ( .756)
20.7 ( .815)
24.3 ( .957)
28 (1.102)
23.2 ( .913)
24.7 ( .972)
28.3 (1.114)
32 (1.260)
27.2 (1.071)
28.7 (1.130)
32.3 (1.272)
36 (1.417)
31.2 (1.228)
32.7 (1.287)
36.3 (1.429)
40 (1.575)
39.2 (1.543)
40.7 (1.602)
44.3 (1.744)
48 (1.890)
47.2 (1.858)
48.7 (1.917)
52.3 (2.059)
56 (2.205)
55.2 (2.173)
56.7 (2.232)
60.3 (2.374)
64 (2.520)
63.2 (2.488)
64.7 (2.547)
68.3 (2.689)
72 (2.835)
80.8 (3.181)
82.3 (3.240)
85.85 (3.380)
89.6 (3.528)
B ± 0.1 (.004)
A ± 0.1 (.004)
2.5 (.098) ± 0.05 (.002)
0.8 (.031) ± 0.05 (.002)
0.7 (.028) DIA.
± 0.03 (.001)
0.9 (.035) DIA.
± 0.03 (.001)
0.5 (.020) ± 0.05 (.002)
2.5 (.098)
KX14 • STRAIGHT RECEPTACLE
Note 1: Shown below is mounting type D with polarization key.
Note 2: Mounting side configuration for 200 contacts is different. Please consult JAE.
Applicable PCB Dimension (Ref.)
20
KX14- 20K
*+
KX14- 20N
*+
30
KX14- 30K
*+
KX14- 30N
*+
40
KX14- 40K
*+
KX14- 40N
*+
50
KX14- 50K
*+
KX14- 50N
*+
60
KX14- 60K
*+
KX14- 60N
*+
70
KX14- 70K
*+
KX14- 70N
*+
80
KX14- 80K
*+
KX14- 80N
*+
100
KX14- 100K
*+
KX14- 100N
*+
120
KX14- 120K
*+
KX14- 120N
*+
140
KX14- 140K
*+
KX14- 140N
*+
160
KX14- 160K
*+
KX14- 160N
*+
200
KX14- 200K
*+
KX14- 200N
*+
AB
C
D
No. of
Contacts
Part Number (Note 1)
With Polarization Key
Without Polarization Key
XY
2
0.75 ( .030)
3.55 ( .140)
5
3.75 ( .148)
6.55 ( .258)
8
6.75 ( .266)
9.55 ( .376)
11
9.75 ( .384)
12.55 ( .494)
14
12.75 ( .502)
15.55 ( .612)
Stacking
Height Code
Dimension X and Y
KX14/15 SERIES CONNECTORS
0.8mm (.031") Contact Spacing, PCB-to-PCB SMT Connectors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com