| Electronic Components Datasheet Search |
|
TPS70302PWPR Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS70302PWPR Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 48 page ![]() RESET VOUT2 VIN1 VIN2 EN SEQ VOUT1 VSENSE1 PG1 MR2 RESET MR1 VSENSE2 VOUT2 VI VOUT1 MR1 0.22 F m 22 F m 47 F m 0.22 F m MR2 EN TPS703xxPWP (FixedOutputOption) >2V <0.7V 250kW VIN 120ms EN VOUT2 VOUT1 PG1 MR1 MR2 (MR2 tiedtoPG1) RESET SEQUENCE 95% 83% 83% 95% t 1 (see NoteA) FaultonVOUT1 NOTEA:t :TimeatwhichbothV andV aregreaterthanthePGthresholdsand islogichigh. 1 OUT1 OUT2 MR1 TPS70345, TPS70348 TPS70351, TPS70358 TPS70302 SLVS285H – AUGUST 2000 – REVISED APRIL 2010 www.ti.com Application conditions not shown in block diagram: VIN1 and VIN2 are tied to the same fixed input voltage greater than VUVLO; SEQ is tied to logic high; PG1 is tied to MR2; MR1 is not used and is connected to VIN. Explanation of timing diagrams: EN is initially high; therefore, both regulators are off and PG1 and RESET are at logic low. With SEQ at logic high, when EN is taken low, VOUT2 turns on. VOUT1 turns on after VOUT2 reaches 83% of its regulated output voltage. When VOUT1 reaches 95% of its regulated output voltage, PG1 (tied to MR2) goes to logic high. When both VOUT1 and VOUT2 reach 95% of their respective regulated output voltages and both MR1 and MR2 (tied to PG1) are at logic high, RESET is pulled to logic high after a 120 ms delay. When a fault on VOUT1 causes it to fall below 95% of its regulated output voltage, PG1 (tied to MR2) goes to logic low. Figure 41. Timing When a Fault Occurs on VOUT1 30 Submit Documentation Feedback Copyright © 2000–2010, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |